Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 12Page - Texas Instruments TLC7225C Datasheet HTML 13Page - Texas Instruments TLC7225C Datasheet HTML 14Page - Texas Instruments TLC7225C Datasheet HTML 15Page - Texas Instruments TLC7225C Datasheet HTML 16Page - Texas Instruments TLC7225C Datasheet HTML 17Page - Texas Instruments TLC7225C Datasheet HTML 18Page - Texas Instruments TLC7225C Datasheet HTML 19Page - Texas Instruments TLC7225C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
digital word multiplication
Since each DAC of the TLC7225 has a separate reference input, the output of one DAC can be used as the
reference input for another. Therefore, multiplication of digital words can be performed (with the result given in
analog form). For example, when the output from DAC A is applied to REFB then the output from DAC B, VOUTB,
can be expressed as given in equation 2:
VOUTB = (DA) (DB)(VREFA)
(2)
where DA and DB are the fractional representations of the digital words in DAC latches A and B respectively.
If DA = DB = D then the result is D2 (VREFA)
In this manner, the four DACs can be used on their own or in conjunction with an external summing amplifier
to generate complex waveforms. Figure 13 shows one such application with the output waveform, Y, which is
represented by equation 3:
Y = –(x4 + 2x3 + 3x2 + 2x + 4) VI
(3)
where x is the digital code that is applied to all four DAC latches.
_
+
REFA
REFB
REFC
REFD
OUTA
OUTB
OUTC
OUTD
AGND
DGND
VSS
15 V
Y
TLC7225†
VI
† Digital inputs omitted for clarity
100 k
Ω
50 k
Ω
33 k
Ω
50 k
Ω
25 k
Ω
100 k
Ω
VDD
Figure 13. Complex-Waveform Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com