Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 3Page - Texas Instruments TLC7225C Datasheet HTML 4Page - Texas Instruments TLC7225C Datasheet HTML 5Page - Texas Instruments TLC7225C Datasheet HTML 6Page - Texas Instruments TLC7225C Datasheet HTML 7Page - Texas Instruments TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments TLC7225C Datasheet HTML 10Page - Texas Instruments TLC7225C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VDD
0 V
VDD
0 V
VDD
0 V
Data In
Address
WR
th(AW)
tw1
tsu(AW)
VDD
0 V
Data
Valid
LDAC
tw2
tsu(DW)
th(DW)
NOTES: A. tr = tf = 20 ns over VDD range.
B. The timing-measurement reference level is equal to VIH + VIL divided by 2.
C. If LDAC is activated prior to the rising edge of WR, then it must remain low for at least tw2 after WR
goes high.
Figure 1. Write-Cycle Voltage Waveforms
TYPICAL CHARACTERISTICS
Figure 2
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
200
150
100
50
0
– 0.1
– 0.2
– 0.3
– 0.4
– 2
– 10
1
2
VO – Output Voltage – V
Source Current
Short-Circuit
Limiting
Sinking
Current Source
TA = 25°C
VSS = – 5 V
DB0– DB7 = 0 V
VDD = 15 V
200
100
600
0
0
1
234
5
6
400
300
500
OUTPUT CURRENT (SINK)
vs
OUTPUT VOLTAGE
700
78
9
10
TA = 25°C
VDD = 15 V
VSS = – 5 V
VSS = 0
VO – Output Voltage – V
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com