Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 34Page - Texas Instruments TMS320F241FN Datasheet HTML 35Page - Texas Instruments TMS320F241FN Datasheet HTML 36Page - Texas Instruments TMS320F241FN Datasheet HTML 37Page - Texas Instruments TMS320F241FN Datasheet HTML 38Page - Texas Instruments TMS320F241FN Datasheet HTML 39Page - Texas Instruments TMS320F241FN Datasheet HTML 40Page - Texas Instruments TMS320F241FN Datasheet HTML 41Page - Texas Instruments TMS320F241FN Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
watchdog (WD) timer module
The ’C242 device includes a watchdog (WD) timer module. The WD function of this module monitors software
and hardware operation by generating a system reset if it is not periodically serviced by software by having the
correct key written. The WD timer operates independently of the CPU and is always enabled. It does not need
any CPU initialization to function. When a system reset occurs, the WD timer defaults to the fastest WD timer
rate available (6.55 ms for a 39 062.5-Hz WDCLK signal). As soon as reset is released internally, the CPU starts
executing code, and the WD timer begins incrementing. This means that, to avoid a premature reset, WD setup
should occur early in the power-up sequence. See Figure 12 for a block diagram of the WD module. The WD
module features include the following:
D WD Timer
–
Seven different WD overflow rates ranging from 6.55 ms to 1 s
–
A WD-reset key (WDKEY) register that clears the WD counter when a correct value is written, and
generates a system reset if an incorrect value is written to the register
–
WD check bits that initiate a system reset if an incorrect value is written to the WD control register
(WDCR)
D Automatic activation of the WD timer, once system reset is released
–
Three WD control registers located in control register frame beginning at address 7020h.
NOTE: All registers in this module are 8-bit registers. When a register is accessed, the register data is in the lower byte, the upper byte is read
as zeros. Writing to the upper byte has no effect.
Figure 12 shows the WD block diagram. Table 11 shows the different WD overflow (timeout) selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com