Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 41Page - Texas Instruments TMS320F241FN Datasheet HTML 42Page - Texas Instruments TMS320F241FN Datasheet HTML 43Page - Texas Instruments TMS320F241FN Datasheet HTML 44Page - Texas Instruments TMS320F241FN Datasheet HTML 45Page - Texas Instruments TMS320F241FN Datasheet HTML 46Page - Texas Instruments TMS320F241FN Datasheet HTML 47Page - Texas Instruments TMS320F241FN Datasheet HTML 48Page - Texas Instruments TMS320F241FN Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLOAD
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
=
2 mA (all outputs)
IOH
=
300
µA (all outputs)
VLOAD =
1.5 V
CT
=
110-pF typical load-circuit capacitance
Figure 14. Test Load Circuit
signal transition levels
The data in this section is shown for the 5-V version. Note that some of the signals use different reference
voltages, see the recommended operating conditions table. TTL-output levels are driven to a minimum
logic-high level of 2.4 V and to a maximum logic-low level of 0.7 V.
Figure 15 shows the TTL-level outputs.
0.7 V (VOL)
20%
2.4 V (VOH)
80%
Figure 15. TTL-Level Outputs
TTL-output transition times are specified as follows:
D For a high-to-low transition, the level at which the output is said to be no longer high is below 80% of the
total voltage range and lower and the level at which the output is said to be low is 20% of the total voltage
range and lower.
D For a low-to-high transition, the level at which the output is said to be no longer low is 20% of the total voltage
range and higher and the level at which the output is said to be high is 80% of the total voltage range and
higher.
Figure 16 shows the TTL-level inputs.
0.7 V (VIL)
10%
2.0 V (VIH)
90%
Figure 16. TTL-Level Inputs
TTL-compatible input transition times are specified as follows:
D For a high-to-low transition on an input signal, the level at which the input is said to be no longer high is 90%
of the total voltage range and lower and the level at which the input is said to be low is 10% of the total voltage
range and lower.
D For a low-to-high transition on an input signal, the level at which the input is said to be no longer low is 10%
of the total voltage range and higher and the level at which the input is said to be high is 90% of the total
voltage range and higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com