Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 40Page - Texas Instruments TMS320F241FN Datasheet HTML 41Page - Texas Instruments TMS320F241FN Datasheet HTML 42Page - Texas Instruments TMS320F241FN Datasheet HTML 43Page - Texas Instruments TMS320F241FN Datasheet HTML 44Page - Texas Instruments TMS320F241FN Datasheet HTML 45Page - Texas Instruments TMS320F241FN Datasheet HTML 46Page - Texas Instruments TMS320F241FN Datasheet HTML 47Page - Texas Instruments TMS320F241FN Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
44
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD‡
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current IIK (VI < 0 or VI > VDD)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current IOK (VO < 0 or VO > VDD)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: A version(’C242)
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
S version(’C242)
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions§
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.5
5
5.5
V
VSS
Supply ground
0
V
XTAL1/CLKIN
3
V+ 0 3
VIH
High level input voltage
XTAL1/CLKIN
3
VDD + 0.3
V
VIH
High-level input voltage
All other inputs
2
VDD + 0.3
V
XTAL1/CLKIN
03
07
VIL
Low level input voltage
XTAL1/CLKIN
– 0.3
0.7
V
VIL
Low-level input voltage
All other inputs
– 0.3
0.7
V
IOH
High-level output current VOH =2 4V
All outputs
– 8
mA
IOH
High-level output current, VOH = 2.4 V
All outputs
– 8
mA
IOL
Low-level output current VOL =0 7V
All outputs
8
mA
IOL
Low-level output current, VOL = 0.7 V
All outputs
8
mA
TA
Operating free air temperature
A version
–40
85
°C
TA
Operating free-air temperature
S version
–40
125
°C
§ Thermal resistance values,
ΘJA (junction-to-ambient) and ΘJC (junction-to-case) for the ’C242 can be found on the mechanical package pages.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
5-V operation, IOH = MAX = 8 mA
2.4
V
VOL
Low-level output voltage
5-V operation, IOL = MAX = 8 mA
0.7
V
TRST pins with internal pulldown
350
II
Input current (VI = VSS or VDD)
EMU0, EMU1, TMS, TCK, and TDI
with internal pullup (NMI, XF, BIO)¶
–3 50
65
µA
All other input-only pins
–5
5
IOZ
Output current, high-impedance state
(off-state)
VO = VDD or 0 V
–5
1
5
µA
Supply current, operating mode
5-V operation, tc(CO) = 50 ns
100
mA
Supply current, Idle 1 low-power mode
LPM0
5-V operation, tc(CO) = 50 ns
40
mA
IDD# Supply current, Idle 2 low-power mode
LPM1
5-V operation, tc(CO) = 50 ns
35
mA
DD
Supply current, PLL/OSC power-down
mode
LPM2
5-V operation, at room temperature
75
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
¶ These three pins are pulled high only on the ’C242, not on emulation devices such as ’F243/’F241.
# In operating mode, the CPU is running a dummy code in B0 program memory. In all IDLE modes, the CPU is idle in B0 program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com