Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 48Page - Texas Instruments TMS320F241FN Datasheet HTML 49Page - Texas Instruments TMS320F241FN Datasheet HTML 50Page - Texas Instruments TMS320F241FN Datasheet HTML 51Page - Texas Instruments TMS320F241FN Datasheet HTML 52Page - Texas Instruments TMS320F241FN Datasheet HTML 53Page - Texas Instruments TMS320F241FN Datasheet HTML 54Page - Texas Instruments TMS320F241FN Datasheet HTML 55Page - Texas Instruments TMS320F241FN Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TIMING EVENT MANAGER INTERFACE
PWM timings
PWM refers to PWM outputs on PWM1, PWM2, PWM3, PWM4, PWM5, PWM6, T1PWM, and T2PWM.
switching characteristics over recommended operating conditions for PWM timing
[H = 0.5tc(CO)] (see Figure 25)
PARAMETER
MIN
MAX
UNIT
tw(PWM)†
Pulse duration, PWM output high/low
2H+5
ns
td(PWM)CO
Delay time, CLKOUT low to PWM output switching
15
ns
† PWM outputs may be 100%, 0%, or increments of tc(CO) with respect to the PWM period.
timing requirements‡ [H = 0.5tc(CO)] (see Figure 26)
MIN
MAX
UNIT
tw(TMRDIR)
Pulse duration, TMRDIR low/high
4H+5
ns
tw(TMRCLK)
Pulse duration, TMRCLK low as a percentage of TMRCLK cycle time
40
60
%
twh(TMRCLK)
Pulse duration, TMRCLK high as a percentage of TMRCLK cycle time
40
60
%
tc(TMRCLK)
Cycle time, TMRCLK
4
tc(CO)
ns
‡ Parameter TMRDIR is equal to the pin TDIR, and parameter TMRCLK is equal to the pin TCLKIN.
tw(PWM)
td(PWM)CO
PWMx
CLKOUT
Figure 25. PWM Output Timing
CLKOUT
tw(TMRDIR)
TMRDIR
Figure 26. Capture/TMRDIR Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com