Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 56Page - Texas Instruments TMS320F241FN Datasheet HTML 57Page - Texas Instruments TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments TMS320F241FN Datasheet HTML 63Page - Texas Instruments TMS320F241FN Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
60
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
register file compilation (continued)
Table 14. Register File Compilation (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
WD CONTROL REGISTERS (CONTINUED)
07023h
D7
D6
D5
D4
D3
D2
D1
D0
WDCNTR
07024h
Reserved
07025h
D7
D6
D5
D4
D3
D2
D1
D0
WDKEY
07026h
to
07028h
Reserved
07029h
WD FLAG
WDDIS
WDCHK2
WDCHK1
WDCHK0
WDPS2
WDPS1
WDPS0
WDCR
0702Ah
to
0702Ch
Reserved
0702Dh
to
07031h
Reserved
A-to-D MODULE CONTROL REGISTERS
07032h
SUSPEND-
SOFT
SUSPEND-
FREE
ADCIM-
START
ADC2EN
ADC1EN
ADCCON-
RUN
ADCINTEN
ADCINTFLAG
ADCTRL1
07032h
ADCEOC
ADC2CHSEL
ADC1CHSEL
ADCSOC
ADCTRL1
07033h
Reserved
07034h
—
—
EVSOCP
EXTSOCP
INTPRI
ADCEVSOC
ADCEXTSOC
—
ADCTRL2
07034h
ADCFIFO2
—
ADCFIFO1
ADCPSCALE
ADCTRL2
07035h
Reserved
07036h
D9
D8
D7
D6
D5
D4
D3
D2
ADCFIFO1
07036h
D1
D0
0
0
0
0
0
0
ADCFIFO1
07037h
Reserved
07038h
D9
D8
D7
D6
D5
D4
D3
D2
ADCFIFO2
07038h
D1
D0
0
0
0
0
0
0
ADCFIFO2
07039h
to
0703Fh
Reserved
07040h
to
0704Fh
Reserved
SERIAL COMMUNICATIONS INTERFACE (SCI) CONFIGURATION CONTROL REGISTERS
07050h
STOP
BITS
EVEN/ODD
PARITY
PARITY
ENABLE
LOOP BACK
ENA
ADDR/IDLE
MODE
SCI
CHAR2
SCI
CHAR1
SCI
CHAR0
SCICCR
07051h
—
RX ERR
INT ENA
SW RESET
—
TXWAKE
SLEEP
TXENA
RXENA
SCICTL1
07052h
BAUD15
(MSB)
BAUD14
BAUD13
BAUD12
BAUD11
BAUD10
BAUD9
BAUD8
SCIHBAUD
07053h
BAUD7
BAUD6
BAUD5
BAUD4
BAUD3
BAUD2
BAUD1
BAUD0
(LSB)
SCILBAUD
07054h
TXRDY
TX EMPTY
—
—
—
—
RX/BK
INT ENA
TX
INT ENA
SCICTL2
07055h
RX ERROR
RXRDY
BRKDT
FE
OE
PE
RXWAKE
—
SCIRXST
07056h
ERXDT7
ERXDT6
ERXDT5
ERXDT4
ERXDT3
ERXDT2
ERXDT1
ERXDT0
SCIRXEMU
07057h
RXDT7
RXDT6
RXDT5
RXDT4
RXDT3
RXDT2
RXDT1
RXDT0
SCIRXBUF
07058h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com