Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 57Page - Texas Instruments TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments TMS320F241FN Datasheet HTML 63Page - Texas Instruments TMS320F241FN Datasheet HTML 64Page - Texas Instruments TMS320F241FN Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
61
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
register file compilation (continued)
Table 14. Register File Compilation (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SERIAL COMMUNICATIONS INTERFACE (SCI) CONFIGURATION CONTROL REGISTERS (CONTINUED)
07059h
TXDT7
TXDT6
TXDT5
TXDT4
TXDT3
TXDT2
TXDT1
TXDT0
SCITXBUF
0705Ah
to
0705Eh
Reserved
0705Fh
—
SCITX
PRIORITY
SCIRX
PRIORITY
SCI
SOFT
SCI
FREE
—
—
—
SCIPRI
07060h
to
0706Fh
Reserved
EXTERNAL INTERRUPT CONTROL REGISTERS
07070h
XINT1
FLAG
—
—
—
—
—
—
—
XINT1CR
07070h
—
—
—
—
—
XINT1
POLARITY
XINT1
PRIORITY
XINT1
ENA
XINT1CR
07071h
XINT2
FLAG
—
—
—
—
—
—
—
XINT2CR
07071h
—
—
—
—
—
XINT2
POLARITY
XINT2
PRIORITY
XINT2
ENA
XINT2CR
07072h
to
0708Fh
Reserved
DIGITAL I/O CONTROL REGISTERS
07090h
CRA.15
CRA.14
CRA.13
CRA.12
CRA.11
CRA.10
CRA.9
CRA.8
OCRA
07090h
CRA.7
CRA.6
CRA.5
CRA.4
CRA.3
CRA.2
CRA.1
CRA.0
OCRA
07091h
Reserved
07092h
—
—
—
—
—
—
CRB.9
CRB.8
OCRB
07092h
—
—
—
—
—
—
CRB.1
CRB.0
OCRB
07093h
to
07097h
Reserved
07098h
A7DIR
A6DIR
A5DIR
A4DIR
A3DIR
A2DIR
A1DIR
A0DIR
PADATDIR
07098h
IOPA7
IOPA6
IOPA5
IOPA4
IOPA3
IOPA2
IOPA1
IOPA0
PADATDIR
07099h
Reserved
0709Ah
B7DIR
B6DIR
B5DIR
B4DIR
B3DIR
B2DIR
B1DIR
B0DIR
PBDATDIR
0709Ah
IOPB7
IOPB6
IOPB5
IOPB4
IOPB3
IOPB2
IOPB1
IOPB0
PBDATDIR
0709Bh
Reserved
0709Ch
C7DIR
C6DIR
C5DIR
C4DIR
C3DIR
C2DIR
C1DIR
C0DIR
PCDATDIR
0709Ch
IOPC7
IOPC6
IOPC5
IOPC4
IOPC3
IOPC2
IOPC1
IOPC0
PCDATDIR
0709Dh
Reserved
0709Eh
Reserved
D1DIR
D0DIR
PDDATDIR
0709Eh
Reserved
IOPD1
IOPD0
PDDATDIR
0709Fh
Reserved
07100h
to
073FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com