Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments TMS320F241FN Datasheet HTML 63Page - Texas Instruments TMS320F241FN Datasheet HTML 64Page - Texas Instruments TMS320F241FN Datasheet HTML 65Page - Texas Instruments TMS320F241FN Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
register file compilation (continued)
Table 14. Register File Compilation (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CAPTURE UNIT REGISTERS
07420h
CAPRES
CAPQEPN
CAP3EN
—
CAP3TSEL
CAP12TSEL
CAP3TOADC
CAPCON
07420h
CAP1EDGE
CAP2EDGE
CAP3EDGE
—
CAPCON
07421h
Reserved
07422h
—
CAP3FIFO
CAP2FIFO
CAP1FIFO
CAPFIFO
07422h
—
—
—
—
—
—
—
—
CAPFIFO
07423h
D15
D14
D13
D12
D11
D10
D9
D8
CAP1FIFO
07423h
D7
D6
D5
D4
D3
D2
D1
D0
CAP1FIFO
07424h
D15
D14
D13
D12
D11
D10
D9
D8
CAP2FIFO
07424h
D7
D6
D5
D4
D3
D2
D1
D0
CAP2FIFO
07425h
D15
D14
D13
D12
D11
D10
D9
D8
CAP3FIFO
07425h
D7
D6
D5
D4
D3
D2
D1
D0
CAP3FIFO
07426h
Reserved
07427h
D15
D14
D13
D12
D11
D10
D9
D8
CAP1FBOT
07427h
D7
D6
D5
D4
D3
D2
D1
D0
CAP1FBOT
07428h
D15
D14
D13
D12
D11
D10
D9
D8
CAP2FBOT
07428h
D7
D6
D5
D4
D3
D2
D1
D0
CAP2FBOT
07429h
D15
D14
D13
D12
D11
D10
D9
D8
CAP3FBOT
07429h
D7
D6
D5
D4
D3
D2
D1
D0
CAP3FBOT
0742Ah
to
0742Bh
Reserved
EVENT MANAGER (EV) INTERRUPT CONTROL REGISTERS
0742Ch
—
—
—
—
—
T1OFINT
ENA
T1UFINT
ENA
T1CINT
ENA
EVIMRA
0742Ch
T1PINT
ENA
—
—
—
CMP3INT
ENA
CMP2INT
ENA
CMP1INT
ENA
PDPINT
ENA
EVIMRA
—
—
—
—
—
—
—
—
0742Dh
—
—
—
—
T2OFINT
ENA
T2UFINT
ENA
T2CINT
ENA
T2PINT
ENA
EVIMRB
—
—
—
—
—
—
—
—
0742Eh
—
—
—
—
—
CAP3INT
ENA
CAP2INT
ENA
CAP1INT
ENA
EVIMRC
0742Fh
—
—
—
—
—
T1OFINT
FLAG
T1UFINT
FLAG
T1CINT
FLAG
EVIFRA
0742Fh
T1PINT
FLAG
—
—
—
CMP3INT
FLAG
CMP2INT
FLAG
CMP1INT
FLAG
PDPINT
FLAG
EVIFRA
—
—
—
—
—
—
—
—
07430h
—
—
—
—
T2OFINT
FLAG
T2UFINT
FLAG
T2CINT
FLAG
T2PINT
FLAG
EVIFRB
—
—
—
—
—
—
—
—
07431h
—
—
—
—
—
CAP3INT
FLAG
CAP2INT
FLAG
CAP1INT
FLAG
EVIFRC
07432h
to
0743Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com