Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 39Page - Texas Instruments TMS320F241FN Datasheet HTML 40Page - Texas Instruments TMS320F241FN Datasheet HTML 41Page - Texas Instruments TMS320F241FN Datasheet HTML 42Page - Texas Instruments TMS320F241FN Datasheet HTML 43Page - Texas Instruments TMS320F241FN Datasheet HTML 44Page - Texas Instruments TMS320F241FN Datasheet HTML 45Page - Texas Instruments TMS320F241FN Datasheet HTML 46Page - Texas Instruments TMS320F241FN Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device and development support tool nomenclature (continued)
PREFIX
TEMPERATURE RANGE (DEFAULT: 0
°C TO 70°C)
TMS 320
C 242
FN
(L)
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320 Family
TECHNOLOGY
L= 0
°C to 70°C
A= – 40
°C to 85°C
S= – 40
°C to 125°C
Q= – 40
°C to 125°C, Q 100 Fault Grading
PACKAGE TYPE†
FN = 68-pin PLCC
PG = 64-pin plastic QFP
PGE = 144-pin plastic QFP
C = CMOS
E = CMOS EPROM
F = Flash EEPROM
LC = Low-voltage CMOS (3.3 V)
VC = Low-voltage CMOS (3 V)
DEVICE
’20x DSP
203
206
209
’24x DSP
240
241
242
243
(B)
BOOT-LOADER OPTION
† PLCC = Plastic J-Leaded Chip Carrier
QFP
=
Quad Flatpack
Figure 13. TMS320 Device Nomenclature
documentation support
Extensive documentation supports all of the TMS320 family generations of devices from product announcement
through applications development. The types of documentation available include: data sheets, such as this
document, with design specifications; complete user’s guides for all devices and development support tools;
and hardware and software applications.
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320 newsletter,
Details on Signal Processing, is published
quarterly and distributed to update TMS320 customers on product information.
Updated information on the TMS320 DSP controllers can be found on the worldwide web at:
http://www.ti.com/dsps.
To send comments regarding the ’C242 datasheet (SPRS063), use the
comments@books.sc.ti.com email
address, which is a repository for feedback. For questions and support, contact the Product Information Center
listed at the http://www.ti.com/sc/docs/pic/home.htm site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com