Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 76 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 76 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 72Page - Texas Instruments TUSB3200PAH Datasheet HTML 73Page - Texas Instruments TUSB3200PAH Datasheet HTML 74Page - Texas Instruments TUSB3200PAH Datasheet HTML 75Page - Texas Instruments TUSB3200PAH Datasheet HTML 76Page - Texas Instruments TUSB3200PAH Datasheet HTML 77Page - Texas Instruments TUSB3200PAH Datasheet HTML 78Page - Texas Instruments TUSB3200PAH Datasheet HTML 79Page - Texas Instruments TUSB3200PAH Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
A–28
A.5.3.5 Adaptive Clock Generator MCLK Capture Register (High Byte) (ACGCAPH – Address FFE3h)
The adaptive clock generator MCLK capture register (high byte) contains the most significant byte of the 16-bit
CODEC master clock (MCLK) signal cycle count that is captured each time a USB start of frame (SOF) occurs.
Bit
7
6
5
4
3
2
1
0
Mnemonic
CAP15
CAP14
CAP13
CAP12
CAP11
CAP10
CAP9
CAP8
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
CAP(15:8)
ACG MCLK capture
The ACG MCLK capture bit values are updated by hardware each time a USB start
of frame occurs. This register contains the most signification byte of the 16-bit value.
A.5.3.6 Adaptive Clock Generator Divider Control Register (ACGDCTL – Address FFE2h)
The adaptive clock generator divider control register contains the control bits for programming the MCLKI signal
divider and the MCLKO signal divider. See section 2.2.10 for the operation details of the adaptive clock generator
and how to program these dividers.
Bit
7
6
5
4
3
2
1
0
Mnemonic
DIVM3
DIVM2
DIVM1
DIVM0
—
DIVI2
DIVI1
DIVI0
Type
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:4
DIVM(3:0)
Divide by M value
The divide by M control bits are set by the MCU to program the MCLKO signal
divider.
0000b = divide by 1,
0001b = divide by 2,
…, 1111b = divide by 16
3
—
Reserved
Reserved for future use.
2:0
DIVI(2:0)
Divide by I value
The divide by I control bits are set by the MCU to program the MCLKI signal divider.
000b = divide by 1,
001b = divide by 2,
…,
111b = divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com