Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 26Page - Texas Instruments TUSB3200PAH Datasheet HTML 27Page - Texas Instruments TUSB3200PAH Datasheet HTML 28Page - Texas Instruments TUSB3200PAH Datasheet HTML 29Page - Texas Instruments TUSB3200PAH Datasheet HTML 30Page - Texas Instruments TUSB3200PAH Datasheet HTML 31Page - Texas Instruments TUSB3200PAH Datasheet HTML 32Page - Texas Instruments TUSB3200PAH Datasheet HTML 33Page - Texas Instruments TUSB3200PAH Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
2–14
4.
The MCU reads the X (or Y) buffer data count byte to verify that the NACK bit is set and to obtain the sample
count in the new data packet. Note that if a new data packet has not been received, the NACK bit will not
be set. If there is a valid data packet in the buffer, then the MCU clears the NACK bit and proceeds with
reading the data.
2.2.7.4.3 Isochronous In Transaction (CODEC as source and host PC as destination)
The steps to be followed for an isochronous in transaction are as follows:
1.
MCU initializes one of the in endpoints as an in isochronous endpoint by programming the appropriate USB
endpoint configuration block. This entails programming the buffer size and the buffer base address for both
the X and Y buffers and the bytes per sample bits, setting the isochronous endpoint bit, enabling the
endpoint, and setting the NACK bit.
2.
The MCU initializes one of the four DMA channels to support the isochronous in endpoint by programming
the appropriate DMA configuration registers.
3.
During the current USB frame, the DMA proceeds with reading the data from the CODEC port interface and
storing the data in the X (or Y) endpoint buffer. At the end of the current USB frame, the DMA updates the
sample count in the data count byte then clears the X (or Y) buffer NACK bit to a 0. If a buffer overflow occurs,
the DMA will set the overflow bit in the endpoint configuration byte.
4.
The host PC sends an iIn token packet addressed to the in endpoint. The UBM reads the X (or Y) buffer
data count byte to verify the NACK bit is cleared and to obtain the sample count of the new data packet.
The UBM reads the data packet from the X (or Y) endpoint buffer then transmits the data to the PC. At the
end of the USB transaction, the UBM sets the X (or Y) buffer NACK bit to a 1. Note that if a new data packet
has not been written to the buffer by the DMA, then the NACK bit will still be set to a 1 and the UBM will send
a null packet to the PC. Also, note that there is not an endpoint interrupt generated for isochronous
endpoints.
2.2.7.4.4 Isochronous In Transaction (MCU as source and host PC as destination)
The steps to be followed for an isochronous in transaction are as follows:
1.
MCU initializes one of the in endpoints as an in isochronous endpoint by programming the appropriate USB
endpoint configuration block. This entails programming the buffer size and the buffer base address for both
the X and Y buffers and the bytes per sample bits, setting the isochronous endpoint bit, enabling the
endpoint, and setting the NACK bit.
2.
The host PC sends an in token packet addressed to the in endpoint. The UBM reads the X (or Y) buffer data
count byte to verify the NACK bit is cleared and to obtain the sample count of the new data packet. The UBM
reads the data packet from the X (or Y) endpoint buffer then transmits the data to the PC. At the end of the
USB transaction, the UBM sets the X (or Y) buffer NACK bit to a 1. Note that if a new data packet has not
been written to the buffer by the MCU then the NACK bit will still be set to a 1 and the UBM will send a null
packet to the PC. Also, note that there is not an endpoint interrupt generated for isochronous endpoints.
2.2.8
Adaptive Clock Generator (ACG)
The adaptive clock generator is used to generate a programmable master clock output signal (MCLKO) that can be
used by the CODEC port interface and the CODEC device. The ACG can be used to generate the master clock for
the CODEC for USB asynchronous, synchronous, and adaptive modes of operation. However, for the USB
asynchronous mode of operation, an external clock can be used to drive the MCLKI signal of the TUSB3200. In this
scenario, the MCLKI signal would be used as the clock source for the CODEC port interface instead of the clock output
from the ACG.
A block diagram of the adaptive clock generator is shown in Figure 2–1. The frequency synthesizer circuit generates
a programmable clock with a frequency range of 12–25 MHz. The output of the frequency synthesizer feeds the
divide-by-M circuit, which can be programmed to divide by 1 to 16. As a result, the frequency range of the MCLKO
signal is 750 kHz to 25 MHz. The duty cycle of the MCLKO signal is 50% for all programmable MCLKO frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com