Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 28Page - Texas Instruments TUSB3200PAH Datasheet HTML 29Page - Texas Instruments TUSB3200PAH Datasheet HTML 30Page - Texas Instruments TUSB3200PAH Datasheet HTML 31Page - Texas Instruments TUSB3200PAH Datasheet HTML 32Page - Texas Instruments TUSB3200PAH Datasheet HTML 33Page - Texas Instruments TUSB3200PAH Datasheet HTML 34Page - Texas Instruments TUSB3200PAH Datasheet HTML 35Page - Texas Instruments TUSB3200PAH Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
2–16
The corresponding values to program into the ACGFRQ registers are:
ACGFRQ2 = 01100001b = 61h
ACGFRQ1 = 10101000b = A8h
ACGFRQ0 = 00000000b = 00h
Keep in mind that writing to the ACGFRQ0 register loads the frequency synthesizer with the new 24-bit value.
Example Frequency Resolution Calculation
To illustrate the frequency resolution capabilities of the ACG, the next possible higher and lower frequencies for
MCLKO can be calculated.
To get the next possible higher frequency of MCLKO equal to 24.57600384 MHz, increase the value of N by 1 LSB.
Thus, N = 011000.011010100000000001 binary.
To get the next possible lower frequency of MCLKO equal to 24.57599600 MHz, decrease the value of N by 1 LSB.
Thus, N = 011000.011010011111111111 binary.
For this example with a nominal MCLKO frequency of 24.576 MHz, the frequency resolution is approximately 4 Hz.
2.2.8.2 Capture Counter and Register
The capture counter and register circuit consists of a 16-bit free running counter which runs at the capture clock
frequency. The capture clock source can be selected by using the MCLKCP bit in the ACGCTL register to select either
the MCLKO or MCLKO2 signal. With each USB start-of-frame (SOF) signal or pseudo-start-of-frame (PSOF) signal,
the capture counter value is stored into the 16-bit capture register. This value is valid until the next SOF or PSOF signal
occurs (~1 ms). The MCU can read the 16-bit capture register value by reading the ACGCAPH and ACGCAPL
registers.
2.2.9
Microcontroller Unit
The 8052 core used in the TUSB3200 is based on the industry standard 8052 MCU and is software compatible with
the 8052, 8032, 80C52, 80C53, and 87C52 MCUs. Therefore, refer to a standard 8052 data manual for more details
if needed.
2.2.10 External MCU Mode Operation
The external MCU mode of operation is provided for firmware development using an in-circuit emulator (ICE). In the
external MCU mode, the internal 8052 MCU core of the TUSB3200 is disabled. Also in the external MCU mode, the
GPIO ports are used for the external MCU data, address, and control signals. Refer to section 1.7,
Terminal Functions
– External MCU Mode, for details. In this mode, the external MCU or ICE is able to access the memory mapped IO
registers, the USB configuration blocks and the USB buffer space. Refer to section 1.8, Device Operation Modes,
for information regarding the various modes of operation.
Texas Instruments has developed the TUSB3200 evaluation module (EVM) to allow customers to develop application
firmware and to evaluate device performance. The EVM board provides a 40-pin dip socket for an ICE in addition
to headers to allow expansion of the system in a variety of ways.
2.2.11 Interrupt Logic
The 8052 MCU core used in the TUSB3200 supports all the standard interrupt sources. The five standard MCU
interrupt sources are timer 0, timer 1, serial port, external 1 (INT1), and external 0 (INT0).
All of the additional interrupt sources within the TUSB3200 device are ORed together to generate the INT0 signal
to the MCU. Refer to the interrupt vector register for more details on the other TUSB3200 interrupt sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com