Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 86 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 86 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 82Page - Texas Instruments TUSB3200PAH Datasheet HTML 83Page - Texas Instruments TUSB3200PAH Datasheet HTML 84Page - Texas Instruments TUSB3200PAH Datasheet HTML 85Page - Texas Instruments TUSB3200PAH Datasheet HTML 86Page - Texas Instruments TUSB3200PAH Datasheet HTML 87Page - Texas Instruments TUSB3200PAH Datasheet HTML 88Page - Texas Instruments TUSB3200PAH Datasheet HTML 89Page - Texas Instruments TUSB3200PAH Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
A–38
A.5.5.4 I2C Interface Control and status register (I2CCTL – Address FFC0h)
The I2C interface control and status register contains various control and status bits used for the I2C interface
operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
RXF
RXIE
ERR
FRQ
TXE
TXIE
STPRD
STPWR
Type
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
RXF
Receive data register full
The receive data register full bit is set to a 1 by hardware when a new data byte has
been received into the receive data register from the slave device. This bit is read
only and is cleared to a 0 by hardware when the MCU reads the new byte from the
receive data register. Note that when the MCU writes to the interrupt vector register,
the I2C receive data register full interrupt will be cleared but this status bit will not be
cleared at that time.
6
RXIE
Receive interrupt enable
The receive interrupt enable bit is set to a 1 by the MCU to enable the I2C receive
data register full interrupt.
5
ERR
Error condition
The error condition bit is set to a 1 by hardware when the slave device does not
respond. This bit is read/write and can only be cleared by the MCU.
4
FRQ
Frequency select
The frequency select bit is used by the MCU to program the I2C serial clock (SCL)
output signal frequency. A value of 0 sets the SCL frequency to 100 kHz and a value
of 1 sets the SCL frequency to 400 kHz.
3
TXE
Transmit data register empty
The transmit data register empty bit is set to a 1 by hardware when the data byte in
the transmit data register has been sent to the slave device. This bit is read only and
is cleared to a 0 by hardware when a new data byte is written to the transmit data
register by the MCU. Note that when the MCU writes to the interrupt vector register,
the I2C transmit data register empty interrupt will be cleared but this status bit will not
be cleared at that time.
2
TXIE
Transmit interrupt enable
The transmit interrupt enable bit is set to a 1 by the MCU to enable the I2C transmit
data register empty interrupt.
1
STPRD
Stop – read transaction
The stop read transaction bit is set to a 1 by the MCU to enable the hardware to
generate a stop condition on the I2C bus after the next data byte from the slave
device is received into the receive data register. The MCU should clear this bit to a 0
after the read transaction has concluded.
0
STPWR
Stop – write transaction
The stop write transaction bit is set to a 1 by the MCU to enable the hardware to
generate a stop condition on the I2C bus after the data byte in the transmit data
register is sent to the slave device. The MCU should clear this bit to a 0 after the write
transaction has concluded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com