Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 18Page - Texas Instruments TUSB3200PAH Datasheet HTML 19Page - Texas Instruments TUSB3200PAH Datasheet HTML 20Page - Texas Instruments TUSB3200PAH Datasheet HTML 21Page - Texas Instruments TUSB3200PAH Datasheet HTML 22Page - Texas Instruments TUSB3200PAH Datasheet HTML 23Page - Texas Instruments TUSB3200PAH Datasheet HTML 24Page - Texas Instruments TUSB3200PAH Datasheet HTML 25Page - Texas Instruments TUSB3200PAH Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
2–6
interrupt mask register is set, an MCU interrupt will be generated and the USB function reset (0x17) vector will appear
in the interrupt vector register (VECINT).
The function reset enable bit (FRSTE) in the USB control register (USBCTL) is used to control the extent to which
the internal logic is reset. The function reset enable bit is set to a 1 by the MCU to enable the USB reset to reset all
internal logic including the MCU. However, the shadow the ROM (SDW) and the USB function connect (CONT) bits
will not be reset. When this bit is set, the reset output (RSTO) signal from the device will also be active when a USB
reset occurs. This bit is not affected by USB reset.
2.2.5
USB Suspend and Resume Modes
All USB devices must support the suspend and resume modes. During the suspend mode, USB devices that are bus
powered must enter a low power suspend state. If the USB peripheral device is not bus powered, then entering the
low power suspend state is not required. A suspend condition is defined as a constant idle state on the bus for more
than 3.0ms. A USB device must actually be in the suspend state no more than 10 ms after the suspend condition is
detected. There are two ways for the TUSB3200 device to exit the suspend mode, which are 1) detection of USB
resume signaling and 2) detection of a local remote wake-up event.
2.2.5.1 USB Suspend Mode
When a suspend condition is detected on the USB, the suspend/resume logic will set the function suspend request
bit (SUSR) in the USB status register. As a result, the function suspend request interrupt (SUSR) will be generated.
To enter the low power suspend state and disable all TUSB3200 device clocks, the MCU firmware should set the idle
mode bit (IDL), which is bit 0 in the MCU power control (PCON) register. The instruction that sets the IDL bit will be
the last instruction executed before the MCU goes to idle mode. In idle mode, the MCU status is preserved. Note that
the low power suspend state is a state in which the TUSB3200 clocks are disabled and the IC will consume the least
amount of power possible.
2.2.5.2 USB Resume Mode
When the TUSB3200 is in a suspend state, any non-idle signaling on the USB will be detected by the suspend/resume
logic and device operation will be resumed. As a result of the resume signaling being detected, the TUSB3200 clocks
will be enabled, the function resume request bit (RESR) will be set, and the function resume request interrupt (RESR)
will be generated. The function resume request interrupt to the MCU will automatically clear the idle mode bit in the
PCON register. As a result, MCU operation will resume with servicing the new interrupt. After the RETI from the ISR,
the next instruction to be executed will be the one following the instruction that set the IDL bit. Note that if the low power
suspend state was not entered by setting the IDL bit, the clocks will already be enabled and the IDL bit will already
be cleared.
2.2.5.3 USB Remote Wake-up Mode
The TUSB3200 device has the capability to remotely wake-up the USB by generating resume signaling upstream.
Note that this feature must be enabled by the host software with the SET_FEATURE DEVICE_REMOTE_WAKEUP
request. The remote wake-up resume signaling should not be generated until the suspend state has been active for
at least 5 ms. In addition, the remote wake-up resume signaling must be generated for at least 1ms but for no more
than 15 ms. When the TUSB3200 is in the low power suspend state, asserting the external interrupt input (XINT) to
the device will enable the clocks and generate the XINT interrupt. The XINT interrupt to the MCU will automatically
clear the idle mode bit in the PCON register. As a result, MCU operation will resume with servicing the new interrupt.
After the RETI from the ISR, the next instruction to be executed will be the one following the instruction that set the
IDL bit. Please note that if the low power suspend state was not entered by setting the IDL bit, the clocks will already
be enabled and the IDL bit will already be cleared. When the firmware sets the remote wake-up request bit (RWUP)
in the USB control register, the suspend/resume logic will generate the resume signaling upstream on the USB.
2.2.6
Power Supply Sequencing
Turning power supplies on and off with a mixed 5-V/3.3-V system is an important consideration. To avoid possible
damage to the TUSB3200 device, proper power sequencing is required. The turnon requirement is that the 5-V and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com