Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 27Page - Texas Instruments TUSB3200PAH Datasheet HTML 28Page - Texas Instruments TUSB3200PAH Datasheet HTML 29Page - Texas Instruments TUSB3200PAH Datasheet HTML 30Page - Texas Instruments TUSB3200PAH Datasheet HTML 31Page - Texas Instruments TUSB3200PAH Datasheet HTML 32Page - Texas Instruments TUSB3200PAH Datasheet HTML 33Page - Texas Instruments TUSB3200PAH Datasheet HTML 34Page - Texas Instruments TUSB3200PAH Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
2–15
6 MHz
PLL
Frequency
Synthesizer
Capture Counter
Mux
MCLKO
MCLKI
Divide
by I
Mux
MCLKI2
MCLKO2
CSCLK
Divide
by B
Mux
Oscillator
Divide
by M
Figure 2–1. Adaptive Clock Generator
The ACG is controller by the following registers. Refer to section A.5.3 for details.
FUNCTIONAL REGISTER
ACTUAL BYTE-WIDE REGISTERS
24-bit Frequency register
ACGFRQ2
ACGFRQ1
ACGFRQ0
16-bit MCLK capture register
ACGCAPH
ACGCAPL
8-bit Divider control register
ACGDCTL
8-bit ACG control register
ACGCTL
The main functional modules of the ACG are described in the following sections.
2.2.8.1 Programmable Frequency Synthesizer
The 24-bit ACG frequency register value is used to program the frequency synthesizer. This results in high resolution
to accurately select the desired CODEC master clock frequency. The value of the frequency register may be updated
by the MCU while the ACG is running. In audio applications, the firmware can adjust the frequency value by
±LSB
or more to lock onto the USB start-of-frame (SOF) signal to achieve a synchronous mode of operation. The 24-bit
frequency register value is updated and used by the frequency synthesizer only when MCU writes to the ACGFRQ0
register.
Depending on the application, a smaller number of bits for controlling the synthesizer frequency can be chosen. The
frequency resolution also depends on the actual frequency being used. In general, the frequency resolution is less
for higher frequencies and more for lower frequencies. This is due to the fact that the 208 ps frequency resolution
becomes more significant compared to the period at higher frequencies than at lower frequencies. The resolution
increases with the number of bits used to represent the frequency as the quantization error reduces as more bits are
used to represent a fractional number.
The clock frequency of the MCLKO output signal is calculated by using the formula:
For N > 24 and N < 50, MCLKO frequency = (25/N)
× 192/8 MHz
For N = 50, MCLKO frequency = 96/8 MHz
Where N is the value in the 24-bit frequency register (ACGFRQ). The value of N can range from 24 to 50. The 6 most
significant bits of the 24-bit frequency register are used to represent the integer portion of N and the remaining 18
bits of the frequency register are used to represent the fractional portion of N. An example is shown below.
Example Frequency Register Calculation
Suppose the desired MCLKO frequency is 24.576 MHz. Using the above formula, N = 24.4140625 decimal. To
determine the binary value to be written to the ACGFRQ register, separately convert the integer value (24) to 6-bit
binary and the fractional value (4140625) to 18-bit binary. As a result, the 24-bit binary value is
011000.011010100000000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com