Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 16Page - Texas Instruments TUSB3200PAH Datasheet HTML 17Page - Texas Instruments TUSB3200PAH Datasheet HTML 18Page - Texas Instruments TUSB3200PAH Datasheet HTML 19Page - Texas Instruments TUSB3200PAH Datasheet HTML 20Page - Texas Instruments TUSB3200PAH Datasheet HTML 21Page - Texas Instruments TUSB3200PAH Datasheet HTML 22Page - Texas Instruments TUSB3200PAH Datasheet HTML 23Page - Texas Instruments TUSB3200PAH Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
2–4
2.2.2
Device Initialization
After a power-on reset is applied to the TUSB3200 device, the 8052 MCU will execute a boot loader program from
the 4K byte boot ROM mapped to the program memory space. During device initialization, the boot loader program
downloads the application program code from an external EEPROM through the I2C interface. This requires that a
binary image of the application code be written to the 8K byte code RAM in the TUSB3200 device.
All memory mapped registers are initialized to a default value as defined in Appendix A,
MCU Memory and Memory-
Mapped Registers. The TUSB3200 device powersup with a default function address of zero and disconnected from
the USB.
2.2.2.1 Boot Load from EEPROM
Loading the application code from an external serial EEPROM requires a preprogrammed memory device containing
an informative header and the application code. While the application code is being downloaded, the TUSB3200 will
remain disconnected from the USB. When the code download is complete, execution of the application code should
connect the TUSB3200 to the USB. In this situation, the TUSB3200 will enumerate using the vendor ID and product
ID contained in the application code.
2.2.2.2 EEPROM Header
For both application code and USB device information stored in a EEPROM device, a common header format is used
that proceeds the data payload. Table 2-1 shows the format and information contained in the header.
Table 2–1. EEPROM Header
OFFSET
TYPE
SIZE
VALUE
0
Signature
4
0x04513200
4
Header size
1
Header size
5
Version
1
Firmware version
6
EEPROM type
1
0x01 = Reserved
0x02 = Reserved
0x03 = Reserved
0x04 = Reserved
0x05 = Reserved
0x06 = Reserved
0x07 = Reserved
0x08 = Reserved
0x09 = 24C32
0x0A =24C64
0x0B
…0xFF = Reserved
7
Data type
1
0x01 = Application code
0x02
…0xFF = Reserved
8
Data size
2
Data payload only size
10
Check sum
2
Check sum of the data payload
beginning at location Check Sum + 2
12
Data
-
Data payload
The s
ignature field is used for the detection of a EEPROM device connected to the TUSB3200. The header size field
supports future updates of the header. Data begins right after the header. The
version field identifies the header
version. The
EEPROM type field identifies the specific EEPROM device being used. The data type field describes
the nature of data stored in the EEPROM (application code or USB device information). The
data size field holds the
length of the data payload starting from the end of the header. The
check sum field contains the check sum for the
data payload portion of the EEPROM.
2.2.2.3 EEPROM Data Type
The two types of data that are stored in the EEPROM are application code and USB device information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com