Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200PAH Datasheet(PDF) 81 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 81 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 77Page - Texas Instruments TUSB3200PAH Datasheet HTML 78Page - Texas Instruments TUSB3200PAH Datasheet HTML 79Page - Texas Instruments TUSB3200PAH Datasheet HTML 80Page - Texas Instruments TUSB3200PAH Datasheet HTML 81Page - Texas Instruments TUSB3200PAH Datasheet HTML 82Page - Texas Instruments TUSB3200PAH Datasheet HTML 83Page - Texas Instruments TUSB3200PAH Datasheet HTML 84Page - Texas Instruments TUSB3200PAH Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
A–33
A.5.4.5 CODEC Port Interface Control and Status Register (CPTCTL – Address FFDCh)
The CODEC port interface control and status register contains various control and status bits used for the CODEC
port interface operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
RXF
RXIE
TXE
TXIE
—
CID1
CID0
CRST
Type
R
R/W
R
R/W
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
RXF
Receive data register full
The receive data register full bit is set to a 1 by hardware when a new data value has
been received into the receive data register from the CODEC device. This bit is read
only and is cleared to a 0 by hardware when the MCU reads the new value from the
receive data register. Note that when the MCU writes to the interrupt vector register,
the CODEC port interface receive data register full interrupt will be cleared but this
status bit will not be cleared at that time.
6
RXIE
Receive interrupt enable
The receive interrupt enable bit is set to a 1 by the MCU to enable the C-port receive
data register full interrupt.
5
TXE
Transmit data register empty
The transmit data register empty bit is set to a 1 by hardware when the data value in
the transmit data register has been sent to the CODEC device. This bit is read only
and is cleared to a 0 by hardware when a new data byte is written to the transmit data
register by the MCU. Note that when the MCU writes to the iInterrupt vector register,
the CODEC port interface transmit data register empty interrupt will be cleared but
this status bit will not be cleared at that time.
4
TXIE
Transmit interrupt enable
The transmit interrupt enable bit is set to a 1 by the MCU to enable the CODEC port
interface transmit data register empty interrupt.
3
—
Reserved
Reserved for future use.
2:1
CID(1:0)
CODEC ID
The CODEC ID bits are used by the MCU to select between the primary CODEC
device and the secondary CODEC device for secondary communication in the AC
’97 modes of operation. When the bits are cleared to 00, the primary CODEC device
is selected. When the bits are set to 01, 10 or 11, the secondary CODEC device is
selected. Note that when only a primary CODEC device is connected to the
TUSB3200, the bits should remain cleared to 00.
0
CRST
CODEC reset
The CODEC reset bit is used by the MCU to control the CODEC port interface reset
(CRESET) output signal from the TUSB3200 device. When this bit is set to a 1, the
CRESET signal is a high. When this bit is cleared to a 0, the CRESET signal is active
low. At power up this bit is cleared to a 0, which means the CRESET output signal will
be active low and will remain active low until the MCU sets this bit to a 1. Note that
this output signal is not used in the I2S modes of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com