Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 30Page - NXP Semiconductors LPC2921 Datasheet HTML 31Page - NXP Semiconductors LPC2921 Datasheet HTML 32Page - NXP Semiconductors LPC2921 Datasheet HTML 33Page - NXP Semiconductors LPC2921 Datasheet HTML 34Page - NXP Semiconductors LPC2921 Datasheet HTML 35Page - NXP Semiconductors LPC2921 Datasheet HTML 36Page - NXP Semiconductors LPC2921 Datasheet HTML 37Page - NXP Semiconductors LPC2921 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
34 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
Remark: The IDX0 function for the QEI, the external start function for ADC1, and the
TRAP0/1 functions for the PWM0/1 are not pinned out on the LPC2921/2923/2925.
6.14.3 Clock description
The MSCSS is clocked from a number of different sources:
• CLK_SYS_MSCSS_A clocks the AHB side of the AHB-to-APB bus bridge
• CLK_MSCSS_APB clocks the subsystem APB bus
• CLK_MSCSS_MTMR0/1 clocks the timers
• CLK_MSCSS_PWM0:3 clocks the PWMs.
Each ADC has two clock areas; an APB part clocked by CLK_MSCSS_ADCx_APB (x = 1
or 2) and a control part for the analog section clocked by CLK_ADCx = 1 or 2), see
Section 6.7.2.
All clocks are derived from the BASE_MSCSS_CLK, except for CLK_SYS_MSCSS_A
which is derived form BASE_SYS_CLK, and the CLK_ADCx clocks which are derived
from BASE_CLK_ADC. If specific PWM or ADC modules are not used their corresponding
clocks can be switched off.
6.14.4 Analog-to-digital converter
The MSCSS in the LPC2921/2923/2925 includes two 10-bit successive-approximation
analog-to-digital converters.
The key features of the ADC interface module are:
• ADC1 and ADC2: Eight analog inputs; time-multiplexed; measurement range up to
3.3 V.
• External reference-level inputs.
• 400 ksamples per second at 10-bit resolution up to 1500 ksamples per second at
2-bit resolution.
• Programmable resolution from 2-bit to 10-bit.
• Single analog-to-digital conversion scan mode and continuous analog-to-digital
conversion scan mode.
• Optional conversion on transition on external start input, timer capture/match signal,
PWM_sync or ‘previous’ ADC.
• Converted digital values are stored in a register for each channel.
• Optional compare condition to generate a ‘less than’ or an ‘equal to or greater than’
compare-value indication for each channel.
• Power-down mode.
6.14.4.1
Functional description
The ADC block diagram, Figure 6, shows the basic architecture of each ADC. The ADC
functionality is divided into two major parts; one part running on the MSCSS Subsystem
clock, the other on the ADC clock. This split into two clock domains affects the behavior
from a system-level perspective. The actual analog-to-digital conversions take place in the
ADC clock domain, but system control takes place in the system clock domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com