Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 42Page - NXP Semiconductors LPC2921 Datasheet HTML 43Page - NXP Semiconductors LPC2921 Datasheet HTML 44Page - NXP Semiconductors LPC2921 Datasheet HTML 45Page - NXP Semiconductors LPC2921 Datasheet HTML 46Page - NXP Semiconductors LPC2921 Datasheet HTML 47Page - NXP Semiconductors LPC2921 Datasheet HTML 48Page - NXP Semiconductors LPC2921 Datasheet HTML 49Page - NXP Semiconductors LPC2921 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
46 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
Triple output phases: For applications that require multiple clock phases two additional
clock outputs can be enabled by setting register P23EN to logic 1, thus giving three clocks
with a 120
° phase difference. In this mode all three clocks generated by the analog
section are sent to the output dividers. When the PLL has not yet achieved lock the
second and third phase output dividers run unsynchronized, which means that the phase
relation of the output clocks is unknown. When the PLL LOCK register is set the second
and third phase of the output dividers are synchronized to the main output clock CLKOUT
PLL, thus giving three clocks with a 120
° phase difference.
Direct output mode: In normal operating mode (with DIRECT set to logic 0) the CCO
clock is divided by 2, 4, 8 or 16 depending on the value on the PSEL[1:0] input, giving an
output clock with a 50 % duty cycle. If a higher output frequency is needed the CCO clock
can be sent directly to the output by setting DIRECT to logic 1. Since the CCO does not
directly generate a 50 % duty cycle clock, the output clock duty cycle in this mode can
deviate from 50 %.
Power-down control: A Power-down mode has been incorporated to reduce power
consumption when the PLL clock is not needed. This is enabled by setting the PD control
register bit. In this mode the analog section of the PLL is turned off, the oscillator and the
phase-frequency detector are stopped and the dividers enter a reset state. While in
Power-down mode the LOCK output is low, indicating that the PLL is not in lock. When
Power-down mode is terminated by clearing the PD control-register bit the PLL resumes
normal operation, and makes the LOCK signal high once it has regained lock on the input
clock.
6.15.2.3
Pin description
The CGU0 module in the LPC2921/2923/2925 has the pins listed in Table 25 below.
6.15.3 Clock generation for USB (CGU1)
The CGU1 block is functionally identical to the CGU0 block and generates the clock for
the USB interface and a dedicated output clock. The CGU1 block uses its own PLL and
fractional divider. The PLLs used in CGU0 and CGU1 are identical (see Section 6.15.2.2).
The clock input to the CGU1 PLL is provided by one of two base clocks generated in the
CGU0: BASE_ICLK0_CLK or BASE_ICLK1_CLK. The base clock not used for the PLL
can be configured to drive the output clock directly.
Table 25.
CGU0 pins
Symbol
Direction
Description
XOUT_OSC
OUT
Oscillator crystal output
XIN_OSC
IN
Oscillator crystal input or external clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com