Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 12Page - NXP Semiconductors LPC2921 Datasheet HTML 13Page - NXP Semiconductors LPC2921 Datasheet HTML 14Page - NXP Semiconductors LPC2921 Datasheet HTML 15Page - NXP Semiconductors LPC2921 Datasheet HTML 16Page - NXP Semiconductors LPC2921 Datasheet HTML 17Page - NXP Semiconductors LPC2921 Datasheet HTML 18Page - NXP Semiconductors LPC2921 Datasheet HTML 19Page - NXP Semiconductors LPC2921 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
16 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
[1]
This clock is always on (cannot be switched off for system safety reasons)
[2]
In the peripheral subsystem parts of the Timers, watchdog timer, SPI and UART have their own clock
source. See Section 6.12 for details.
[3]
In the Power Clock and Reset Control subsystem parts of the CGU, RGU, and PMU have their own clock
source. See Section 6.15 for details.
[4]
The clock should remain activated when system wake-up on timer or UART is required.
BASE_MSCSS_CLK
CLK_MSCSS_APB
APB side of the MSCSS
CLK_MSCSS_MTMR0
Timer 0 in the MSCSS
CLK_MSCSS_MTMR1
Timer 1 in the MSCSS
CLK_MSCSS_PWM0
PWM0
CLK_MSCSS_PWM1
PWM1
CLK_MSCSS_PWM2
PWM2
CLK_MSCSS_PWM3
PWM3
CLK_MSCSS_ADC1_APB APB side of ADC1
CLK_MSCSS_ADC2_APB APB side of ADC2
CLK_MSCSS_QEI
Quadrature encoder
BASE_UART_CLK
CLK_UART0
UART0 interface clock
CLK_UART1
UART1 interface clock
BASE_ICLK0_CLK
-
clock for CGU1 input
BASE_SPI_CLK
CLK_SPI0
SPI0 interface clock
CLK_SPI1
SPI1 interface clock
CLK_SPI2
SPI2 interface clock
BASE_TMR_CLK
CLK_TMR0
Timer 0 clock for counter part
CLK_TMR1
Timer 1 clock for counter part
CLK_TMR2
Timer 2 clock for counter part
CLK_TMR3
Timer 3 clock for counter part
BASE_ADC_CLK
CLK_ADC1
Control of ADC1, capture
sample result
CLK_ADC2
Control of ADC2, capture
sample result
reserved
-
-
BASE_ICLK1_CLK
-
clock for CGU1 input
Table 8.
CGU1 base clock and branch clock overview
Base clock
Branch clock name
Parts of the device clocked by this
branch clock
BASE_OUT_CLK
CLK_OUT_CLK
clock out pin
BASE_USB_CLK
CLK_USB_CLK
USB clock
Table 7.
Base clock and branch clock overview …continued
Base clock
Branch clock name
Parts of the device clocked
by this branch clock
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com