Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 3Page - NXP Semiconductors LPC2921 Datasheet HTML 4Page - NXP Semiconductors LPC2921 Datasheet HTML 5Page - NXP Semiconductors LPC2921 Datasheet HTML 6Page - NXP Semiconductors LPC2921 Datasheet HTML 7Page - NXP Semiconductors LPC2921 Datasheet HTML 8Page - NXP Semiconductors LPC2921 Datasheet HTML 9Page - NXP Semiconductors LPC2921 Datasheet HTML 10Page - NXP Semiconductors LPC2921 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
7 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
P1[10]/SDI1/SDA0
40[1]
GPIO 1, pin 10
SPI1 SDI
I2C0 SDA
-
VSS(CORE)
41
ground for digital core
VDD(CORE)
42
1.8 V power supply for digital core
P1[9]/SDO1
43[1]
GPIO 1, pin 9
SPI1 SDO
-
-
VSS(IO)
44
ground for I/O
P1[8]/SCS1[0]/
TXDL1/CS0
45[1]
GPIO 1, pin 8
SPI1 SCS0
-
-
P1[7]/SCS1[3]/RXD1
46[1]
GPIO 1, pin 7
SPI1 SCS3
UART1 RXD
-
P1[6]/SCS1[2]/TXD1
47[1]
GPIO 1, pin 6
SPI1 SCS2
UART1 TXD
-
P1[5]/SCS1[1]/
PMAT3[5]
48[1]
GPIO 1, pin 5
SPI1 SCS1
PWM3 MAT5
-
P1[4]/SCS2[2]/
PMAT3[4]
49[1]
GPIO 1, pin 4
SPI2 SCS2
PWM3 MAT4
-
TRST
50[1]
IEEE 1149.1 test reset NOT; active LOW; pulled up internally
RST
51[1]
asynchronous device reset; active LOW; pulled up internally
VSS(OSC)
52
ground for oscillator
XOUT_OSC
53[3]
crystal out for oscillator
XIN_OSC
54[3]
crystal in for oscillator
VDD(OSC_PLL)
55
1.8 V supply for oscillator and PLL
VSS(PLL)
56
ground for PLL
VDD(IO)
57
3.3 V power supply for I/O
P1[3]/SCS2[1]/
PMAT3[3]
58[1]
GPIO 1, pin 3
SPI2 SCS1
PWM3 MAT3
-
P1[2]/SCS2[3]/
PMAT3[2]
59[1]
GPIO 1, pin 2
SPI2 SCS3
PWM3 MAT2
-
P1[1]/EI1/PMAT3[1]
60[1]
GPIO 1, pin 1
EXTINT1
PWM3 MAT1
-
VSS(CORE)
61
ground for digital core
VDD(CORE)
62
1.8 V power supply for digital core
P1[0]/EI0/PMAT3[0]
63[1]
GPIO 1, pin 0
EXTINT0
PWM3 MAT0
-
P0[0]/PHB0/
TXDC0/D24
64[1]
GPIO 0, pin 0
QEI0 PHB
CAN0 TXD
-
VSS(IO)
65
ground for I/O
P0[1]/PHA0/RXDC0
66[1]
GPIO 0, pin 1
QEI0 PHA
CAN0 RXD
-
P0[2]/CLK_OUT/
PMAT0[0]
67[1]
GPIO 0, pin 2
CLK_OUT
PWM0 MAT0
-
P0[3]/USB_UP_LED/
PMAT0[1]
68[1]
GPIO 0, pin 3
USB_UP_LED
PWM0 MAT1
-
P0[4]/PMAT0[2]
69[1]
GPIO 0, pin 4
-
PWM0 MAT2
-
P0[5]/PMAT0[3]
70[1]
GPIO 0, pin 5
-
PWM0 MAT3
-
VDD(IO)
71
3.3 V power supply for I/O
P0[6]/PMAT0[4]
72[1]
GPIO 0, pin 6
-
PWM0 MAT4
-
P0[7]/PMAT0[5]
73[1]
GPIO 0, pin 7
-
PWM0 MAT5
-
Table 3.
LQFP100 pin assignment …continued
Pin name
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com