Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 31Page - NXP Semiconductors LPC2921 Datasheet HTML 32Page - NXP Semiconductors LPC2921 Datasheet HTML 33Page - NXP Semiconductors LPC2921 Datasheet HTML 34Page - NXP Semiconductors LPC2921 Datasheet HTML 35Page - NXP Semiconductors LPC2921 Datasheet HTML 36Page - NXP Semiconductors LPC2921 Datasheet HTML 37Page - NXP Semiconductors LPC2921 Datasheet HTML 38Page - NXP Semiconductors LPC2921 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
35 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
A mechanism is provided to modify configuration of the ADC and control the moment at
which the updated configuration is transferred to the ADC domain.
The ADC clock is limited to 4.5 MHz maximum frequency and should always be lower than
or equal to the system clock frequency. To meet this constraint or to select the desired
lower sampling frequency, the clock generation unit provides a programmable fractional
system-clock divider dedicated to the ADC clock. Conversion rate is determined by the
ADC clock frequency divided by the number of resolution bits plus one. Accessing ADC
registers requires an enabled ADC clock, which is controllable via the clock generation
unit, see Section 6.15.2.
Each ADC has four start inputs. Note that start 0 and start 2 are captured in the system
clock domain while start 1 and start 3 are captured in the ADC domain. The start inputs
are connected at MSCSS level, see Section 6.14 for details.
6.14.4.2
Pin description
The two ADC modules in the MSCSS have the pins described below. The ADCx input pins
are combined with other functions on the port pins of the LPC2921/2923/2925. The
VREFN and VREFP pins are common for both ADCs. Table 20 shows the ADC pins.
Remark: Note that the ADC1 and ADC2 accept an input voltage up to of 3.6 V (see
Table 31) on the ADC1/2 IN pins. If the ADC is not used, the pins are 5 V tolerant.
Fig 6.
ADC block diagram
002aad960
ADC
start 2
ADC
start 0
APB clock
(BASE_MSCSS_CLK)
ADC clock
(up to 4.5 MHz)
(BASE_ADC_CLK)
APB system bus
IRQ scan
IRQ compare
ADC2 IN[7:0]
ADC
start 1
ADC
start 3
sync_out
ADC DOMAIN
SYSTEM DOMAIN
ADC
CONTROL
ADC
REGISTERS
3.3 V
ADC2
3.3 V
ADC1
ANALOG
MUX
conversion data
update
configuration data
IRQ
ADC1 IN[7:0]
ANALOG
MUX
3.3 V IN
3.3 V IN
Table 20.
Analog to digital converter pins
Symbol
Pin name
Direction
Description
ADC1/2 IN[7:0]
IN1/2[7:0]
IN
analog input for 3.3 V ADC1/2, channel 7 to
channel 0
ADC2_EXT_START CAP1[2]
IN
ADC external start-trigger input
VREFN
VREFN
IN
ADC LOW reference level
VREFP
VREFP
IN
ADC HIGH reference level
VDDA(ADC3V3)
VDDA(ADC3V3) IN
ADC1 and ADC2 3.3 V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com