Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 52Page - NXP Semiconductors LPC2921 Datasheet HTML 53Page - NXP Semiconductors LPC2921 Datasheet HTML 54Page - NXP Semiconductors LPC2921 Datasheet HTML 55Page - NXP Semiconductors LPC2921 Datasheet HTML 56Page - NXP Semiconductors LPC2921 Datasheet HTML 57Page - NXP Semiconductors LPC2921 Datasheet HTML 58Page - NXP Semiconductors LPC2921 Datasheet HTML 59Page - NXP Semiconductors LPC2921 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
56 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
ILIH
HIGH-level input leakage
current
--
1
µA
ILIL
LOW-level input leakage
current
--
1
µA
II(pd)
pull-down input current
all port pins, VI = 3.3 V;
VI = 5.5 V; see Figure 20
25
50
100
µA
II(pu)
pull-up input current
all port pins, RST,
TRST, TDI, JTAGSEL,
TMS: VI =0V; VI > 3.6 V
is not allowed; Figure 21
−25
−50
−115
µA
Ci
input capacitance
[5] -3
8
pF
Output pins and I/O pins configured as output
VO
output voltage
0
-
VDD(IO)
V
VOH
HIGH-level output voltage IOH = −4 mA; see
Figure 19
VDD(IO) − 0.4
-
-
V
VOL
LOW-level output voltage
IOL = 4 mA; Figure 18
-
-
0.4
V
CL
load capacitance
-
-
25
pF
USB pins USB_D+ and USB_D
−
Input characteristics
VIH
HIGH-level input voltage
1.5
-
-
V
VIL
LOW-level input voltage
-
-
1.3
V
Vhys
hysteresis voltage
0.4
-
-
V
Output characteristics
Zo
output impedance
with 33
Ω series resistor
36.0
-
44.1
Ω
VOH
HIGH-level output voltage (driven) for
low-/full-speed; RL of
15 k
Ω to GND
2.9
-
3.5
V
VOL
LOW-level output voltage
(driven) for
low-/full-speed; with
1.5 k
Ω resistor to 3.6 V
external pull-up
-
-
0.18
V
IOH
HIGH-level output current
at VOH =VDD(IO) − 0.3 V;
without 33
Ω external
series resistor
20.8
-
41.7
mA
at VOH =VDD(IO) − 0.3 V;
with 33
Ω external series
resistor
4.8
-
5.3
mA
IOL
LOW-level output current
at VOL = 0.3 V; without
33
Ω external series
resistor
26.7
-
57.2
mA
at VOL = 0.3 V; with 33 Ω
external series resistor
5.0
-
5.5
mA
IOHS
HIGH-level short-circuit
output current
drive high; pad
connected to ground
-
-
90.0
mA
Table 31.
Static characteristics …continued
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; Tvj = −40 °Cto+85 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com