Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 8Page - NXP Semiconductors LPC2921 Datasheet HTML 9Page - NXP Semiconductors LPC2921 Datasheet HTML 10Page - NXP Semiconductors LPC2921 Datasheet HTML 11Page - NXP Semiconductors LPC2921 Datasheet HTML 12Page - NXP Semiconductors LPC2921 Datasheet HTML 13Page - NXP Semiconductors LPC2921 Datasheet HTML 14Page - NXP Semiconductors LPC2921 Datasheet HTML 15Page - NXP Semiconductors LPC2921 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
12 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
6.6 Reset, debug, test, and power description
6.6.1 Reset and power-up behavior
The LPC2921/2923/2925 contains external reset input and internal power-up reset
circuits. This ensures that a reset is extended internally until the oscillators and flash have
reached a stable state. See Section 8 for trip levels of the internal power-up reset circuit1.
See Section 9 for characteristics of the several start-up and initialization times. Table 4
shows the reset pin.
At activation of the RST pin the JTAGSEL pin is sensed as logic LOW. If this is the case
the LPC2921/2923/2925 is assumed to be connected to debug hardware, and internal
circuits re-program the source for the BASE_SYS_CLK to be the crystal oscillator instead
of the Low-Power Ring Oscillator (LP_OSC). This is required because the clock rate when
running at LP_OSC speed is too low for the external debugging environment.
6.6.2 Reset strategy
The LPC2921/2923/2925 contains a central module, the Reset Generator Unit (RGU) in
the Power, Clock and Reset Subsystem (PCRSS), which controls all internal reset signals
towards the peripheral modules. The RGU provides individual reset control as well as the
monitoring functions needed for tracing a reset back to source.
6.6.3 IEEE 1149.1 interface pins (JTAG boundary-scan test)
The LPC2921/2923/2925 contains boundary-scan test logic according to IEEE 1149.1,
also referred to in this document as Joint Test Action Group (JTAG). The boundary-scan
test pins can be used to connect a debugger probe for the embedded ARM processor. Pin
JTAGSEL selects between boundary-scan mode and debug mode. Table 5 shows the
boundary- scan test pins.
1.
Only for 1.8 V power sources
Table 4.
Reset pin
Symbol
Direction
Description
RST
IN
external reset input, active LOW; pulled up internally
Table 5.
IEEE 1149.1 boundary-scan test and debug interface
Symbol
Description
JTAGSEL
TAP controller select input. LOW level selects ARM debug mode and HIGH level
selects boundary scan and flash programming; pulled up internally
TRST
test reset input; pulled up internally (active LOW)
TMS
test mode select input; pulled up internally
TDI
test data input, pulled up internally
TDO
test data output
TCK
test clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com