Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 51Page - NXP Semiconductors LPC2921 Datasheet HTML 52Page - NXP Semiconductors LPC2921 Datasheet HTML 53Page - NXP Semiconductors LPC2921 Datasheet HTML 54Page - NXP Semiconductors LPC2921 Datasheet HTML 55Page - NXP Semiconductors LPC2921 Datasheet HTML 56Page - NXP Semiconductors LPC2921 Datasheet HTML 57Page - NXP Semiconductors LPC2921 Datasheet HTML 58Page - NXP Semiconductors LPC2921 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
55 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
8.
Static characteristics
Table 31.
Static characteristics
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; Tvj = −40 °Cto+85 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
Core supply
VDD(CORE)
core supply voltage
1.71
1.80
1.89
V
IDD(CORE)
core supply current
Device state after reset;
system clock at
125 MHz; Tamb = 85 °C;
executing code
while(1){}
from flash.
-75
-
mA
all clocks off
[2] -
30
475
µA
I/O supply
VDD(IO)
input/output supply
voltage
2.7
-
3.6
V
IDD(IO)
I/O supply current
Power-down mode
-
0.5
3.25
µA
Oscillator/PLL supply
VDD(OSC_PLL) oscillator and PLL supply
voltage
1.71
1.80
1.89
V
IDD(OSC_PLL)
oscillator and PLL supply
current
Normal mode
-
-
1
mA
Power-down mode
-
-
2
µA
Analog-to-digital converter supply
VDDA(ADC3V3) 3.3 V ADC analog supply
voltage
3.0
3.3
3.6
V
IDDA(ADC3V3)
3.3 V ADC analog supply
current
Normal mode
-
-
1.9
mA
Power-down mode
-
-
4
µA
Input pins and I/O pins configured as input
VI
input voltage
all port pins and VDD(IO)
applied;
see Section 7
[4][3]
−0.5
-
+ 5.5
V
port 0 pin 8 to pin 23
when ADC1/2 is used
[3]
--
VVREFP
all port pins and VDD(IO)
not applied
−0.5
-
+3.6
V
all other I/O pins, RST,
TRST, TDI, JTAGSEL,
TMS, TCK
−0.5
-
VDD(IO)
V
VIH
HIGH-level input voltage
all port pins, RST,
TRST, TDI, JTAGSEL,
TMS, TCK
2.0
-
-
V
VIL
LOW-level input voltage
all port pins, RST,
TRST, TDI, JTAGSEL,
TMS, TCK
-
-
0.8
V
Vhys
hysteresis voltage
0.4
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com