Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 48Page - STMicroelectronics STA2500D Datasheet HTML 49Page - STMicroelectronics STA2500D Datasheet HTML 50Page - STMicroelectronics STA2500D Datasheet HTML 51Page - STMicroelectronics STA2500D Datasheet HTML 52Page - STMicroelectronics STA2500D Datasheet HTML 53Page - STMicroelectronics STA2500D Datasheet HTML 54Page - STMicroelectronics STA2500D Datasheet HTML 55Page - STMicroelectronics STA2500D Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
References
STA2500D
52/57
Doc ID 16067 Rev 1
10
References
Table 31.
References
ID
Short
name
Name
Date
Owner
[1]
-
Specification of the Bluetooth System V2.1 + EDR (“Lisbon”)
Not yet
released
Bluetooth SIG
[2]
-
Specification of the Bluetooth System V2.0 + EDR
November
2004
Bluetooth SIG
[3]
-
Specification of the Bluetooth System V1.2
November
2003
Bluetooth SIG
[4]
-
Specification of the Bluetooth System - Host Controller
Interface [Transport Layer] Volume 04 Revision 1.2 or later,
2006, part A: UART v1.1
January
2006
Bluetooth SIG
[5]
-
Radio Frequency Test Suite Structure (TSS) and Test
Purposes (TP) System Specification 1.2/2.0/2.0 + EDR,
document number RF.TS/2.0.E.3
March
2005
Bluetooth SIG
[6]
-
IEEE 802.15.2, IEEE Recommended Practice for
Telecommunications and Information exchange between
systems – Local and metropolitan area networks Specific
Requirements - Part 15.2: Coexistence of Wireless Personal
Area Networks with Other Wireless Devices Operating in
Unlicensed Frequency Band
August
2003
IEEE
[7]
WLAN
IEEE 802.11, IEEE Standards for Information Technology --
Telecommunications and Information Exchange between
Systems -- Local and Metropolitan Area Network -- Specific
Requirements -- Part 11: Wireless LAN Medium Access
Control (MAC) and Physical Layer (PHY) Specifications
1999
IEEE
[8]
802.11b
IEEE 802.11b, Supplement to 802.11-1999, Wireless LAN
MAC and PHY specifications: Higher speed Physical Layer
(PHY) extension in the 2.4 GHz band
1999
IEEE
[9]
802.11g
IEEE 802.11g, IEEE Standard for Information technology—
Telecommunications and information exchange between
systems—Local and metropolitan area networks—Specific
requirements—Part 11: Wireless LAN Medium Access
Control (MAC) and Physical Layer (PHY) specifications—
Amendment 4: Further Higher-Speed Physical Layer
Extension in the 2.4 GHz Band
2003
IEEE
[10]
-
STLC2500C_DS_Rev2.0.pdf, Datasheet of Bluetooth
2.0&EDR compliant single chip, Rev2.0 or later
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com