Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 25Page - STMicroelectronics STA2500D Datasheet HTML 26Page - STMicroelectronics STA2500D Datasheet HTML 27Page - STMicroelectronics STA2500D Datasheet HTML 28Page - STMicroelectronics STA2500D Datasheet HTML 29Page - STMicroelectronics STA2500D Datasheet HTML 30Page - STMicroelectronics STA2500D Datasheet HTML 31Page - STMicroelectronics STA2500D Datasheet HTML 32Page - STMicroelectronics STA2500D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
STA2500D
General specification
Doc ID 16067 Rev 1
29/57
6.9
Interrupts
The user can program the BT_GPIOs as external interrupt sources.
6.10
Low power modes
6.10.1
Overview
To save power, three low power modes are supported as described in Table 24.
Depending of the Bluetooth and of the Host's activity, the STA2500D decides to use Sleep
mode or Deep Sleep mode. Note however that the Deep Sleep mode must first be activated
via SW parameter download or an HCI command prior to any possibility to use it as the
default configuration is only Sleep mode. Complete Power Down is entered only after an
explicit command from the Host.
Table 24.
Low power modes
Low power mode
Description
Sleep mode
The STA2500D:
– Accepts HCI commands from the Host.
– Supports all types of Bluetooth links.
– Can transfer data over Bluetooth links.
– Dynamically switches between sleep and active mode when needed.
– The system clock is still active in part of the design.
– Parts of the chip are dynamically powered off depending on the Bluetooth activity.
Deep Sleep mode
The STA2500D:
– Does not accept HCI commands from the Host.
– Supports Page and Inquiry scans.
– Supports Bluetooth links that are in Sniff or Sniff Subrating.
– Dynamically switches between Deep Sleep and active mode during Bluetooth
activity. The Deep Sleep mode entry is initiated by the Host, the STA2500D
acknowledges or not. The wake-up mechanism must be enabled by a SW
parameter download before it can be used. More details in section 6.10.3.
– The system clock is not active in any part of the design.
– Parts of the chip are dynamically powered off depending on the Bluetooth activity.
Complete Power Down
The STA2500D is effectively powered down:
– No Bluetooth activity is supported.
– The HCI interface is shut down.
– The system clock is not active in any part of the design.
– Most parts of the chip are completely powered off.
– RAM content is not maintained (initialisation is required at wake-up).
– Some pins (UART/SPI I/Os and the 4 clock request signals and BT_GPIO_16)
keep their previous configuration (input or output, pull behaviour) during
Completed Power Down.
– The Complete Power Down entry is initiated by an HCI command followed by a
Deep Sleep command, this in order to ensure a smooth transition from active to
Complete Power Down state. In order to go out of this mode, either a HW reset or
BT_WAKEUP = ‘1’ is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com