Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 18Page - STMicroelectronics STA2500D Datasheet HTML 19Page - STMicroelectronics STA2500D Datasheet HTML 20Page - STMicroelectronics STA2500D Datasheet HTML 21Page - STMicroelectronics STA2500D Datasheet HTML 22Page - STMicroelectronics STA2500D Datasheet HTML 23Page - STMicroelectronics STA2500D Datasheet HTML 24Page - STMicroelectronics STA2500D Datasheet HTML 25Page - STMicroelectronics STA2500D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
General specification
STA2500D
22/57
Doc ID 16067 Rev 1
Typical is defined at Tamb = 25 °C, BT_HV = 2.75 V. Minimum and Maximum are worst cases
over corner lots and temperature. Parameters are given at device pin, except for receiver
interferers measured at antenna with a filter having a typical attenuation of 2.3 dB.
C/I-3MHz
Adjacent (-3 MHz) interference
@ Input signal
strength = -67 dBm
--43
-20
dB
C/I≥4MHz
Adjacent (
≥ ±4 MHz)
interference
@ Input signal
strength = -67 dBm
--48
-40
dB
Receiver inter-modulation
IMD
Inter-modulation
Measured as defined in BT
test specification [].
-39
-32
=
dBm
Table 16.
Mbps receiver parameters - GFSK (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 17.
Mbps receiver parameters -
π/4-DQPSK
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RFin
Input frequency range
=
2402
2480
MHz
RXsensC
Receiver sensitivity
(Clean transmitter)
@ BER 0.01%
-
-87
-85
dBm
RXsensD
Receiver sensitivity
(Dirty transmitter)
@ BER 0.01%
-
-86.5
-84.5
dBm
RXmax
Maximum useable input signal
level
@ BER 0.1%
-15
-9
-
dBm
Receiver blocking performance @ BER 0.1% on channel 58 (without Filter)
-
signal in GSM band 900 MHz
(824 MHz to 960 MHz)
@ Input signal
strength = -67 dBm
-
-15.5
-
dBm
-
signal in GSM band 1800 MHz
(1805 MHz to 1990 MHz)
@ Input signal
strength = -67 dBm
-
-3.5
-
dBm
-
signal in WCDMA band
(2010 MHz to 2170 MHz)
@ Input signal
strength = -67 dBm
-
-2.5
-
dBm
Receiver interferer performance @ BER 0.1%
C/Ico-channel Co-channel interference
@ Input signal
strength = -60 dBm
-11
13
dB
C/I1MHz
Adjacent (
±1 MHz) interference
@ Input signal
strength = -60 dBm
-
-11.5
0
dB
C/I+2MHz
Adjacent (+2 MHz) interference
@ Input signal
strength = -60 dBm
-
-40
-30
dB
C/I-2MHz
Adjacent (-2 MHz) interference
@ Input signal
strength = -67 dBm
--20
-7
dB
C/I+3MHz
Adjacent (+3 MHz) interference
@ Input signal
strength = -67 dBm
-
-48.5
-40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com