Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 28Page - STMicroelectronics STA2500D Datasheet HTML 29Page - STMicroelectronics STA2500D Datasheet HTML 30Page - STMicroelectronics STA2500D Datasheet HTML 31Page - STMicroelectronics STA2500D Datasheet HTML 32Page - STMicroelectronics STA2500D Datasheet HTML 33Page - STMicroelectronics STA2500D Datasheet HTML 34Page - STMicroelectronics STA2500D Datasheet HTML 35Page - STMicroelectronics STA2500D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
General specification
STA2500D
32/57
Doc ID 16067 Rev 1
Figure 6.
Deep sleep mode entry and wake-up through H4 UART
Deep sleep mode entry and wake-up through enhanced H4 SPI
In this case no additional signals are needed to control the Deep Sleep mode and the wake-
up mechanism except for BT_CLK_REQ_OUT_x (BT_CLK_REQ_OUT_1 for active high
polarity and BT_ CLK_REQ_OUT_2 for active low polarity).
The enhanced H4 protocol makes use of three messages: SLEEP, WAKEUP and WOKEN.
More details on the enhanced H4 protocol can be found in Section 8.2.
●
Deep sleep mode entry
Entering Deep Sleep mode can only be initiated by the Host sending a SLEEP
message to the Bluetooth Controller.
If that one accepts it, the device enters Deep Sleep mode: consequently the Bluetooth
Controller de-asserts BT_CLK_REQ_OUT_x and internally gates the system clock.
This is illustrated in Figure 7.
If there is still pending activity at the Bluetooth side on the air, the Bluetooth Controller
does not immediately enter Deep Sleep mode and therefore BT_CLK_REQ_OUT_x
stays 'active' during this period: however the Bluetooth Controller will go in Deep Sleep
mode at the end of the air activity.
If there is pending data to be transferred to the Host, the Bluetooth Controller will
request a data transfer: however the Bluetooth Controller will go in Deep Sleep mode at
the end of the data transfer.
●
Deep sleep mode wake-up
Wake-up can be requested by the Host or autonomously by the Bluetooth Controller. In
the latter case, it can be with or without communication on the interface (i.e. during
Page scan, there is no data to transfer to the Host).
1.
Wake-up initiated by the Host
In the case of a wake-up by the Host, it sends a WAKEUP command and waits for a
WOKEN response before starting the data exchange. Of course the Bluetooth
Controller must first request the system clock through BT_CLK_REQ_OUT_x.
It should be noted that the WAKEUP message is decoded in the Bluetooth Controller's
Active
Sleep Mode
Mode
UART off
BB
UART o n
HOST_WAKEUP=‘ 1’ or ‘ 0’
‘A’ :
Active
high/low
‘ P’ :
Passive
low/high
Active
Sleep Mode
BB
Host:
UART_ RXD=‘ 0’
BT Controller: UART_ RTS=‘1’
UART off
Host:
UART_ RXD=‘ 1’
BT Controller: UART_ RTS=‘0’
Or
HOST_WAKEUP=‘1’
HOST_WAKEUP=‘ 0’
Host:
UART_ RXD=‘ 1’
AND
BT Controller: CLK_REQ_OUT_1=‘ A’
and
UART_ RTS=‘0’
Active
Sleep Mode
Deep Sleep UART off
BB
UART o n
HOST_WAKEUP=‘ 1’ or ‘ 0’
BT_CLK_REQ_OUT_1 =
Active
Sleep Mode
BB
Host:
BT_UA RT_RXD =‘ 0’
BT Controller: BT_UA RT_RTS=‘ 1’
UART off
Host:
BT_UA RT_RXD =‘ 1’
BT Controller:BT_UA RT_RTS =‘0’
Or
BT_HOST_WAKEUP=‘1’
HOST_WAKEUP=‘ 0’
Host:
BT_UA RT_RXD=‘ 1’
AND
BT Controller: BT_CLK_ REQ_OUT_1 =‘ A’
and
BT_UA RT_RTS=‘ 0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com