Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 30Page - STMicroelectronics STA2500D Datasheet HTML 31Page - STMicroelectronics STA2500D Datasheet HTML 32Page - STMicroelectronics STA2500D Datasheet HTML 33Page - STMicroelectronics STA2500D Datasheet HTML 34Page - STMicroelectronics STA2500D Datasheet HTML 35Page - STMicroelectronics STA2500D Datasheet HTML 36Page - STMicroelectronics STA2500D Datasheet HTML 37Page - STMicroelectronics STA2500D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
General specification
STA2500D
34/57
Doc ID 16067 Rev 1
Figure 9.
Wake-up by the Bluetooth controller with data transmission to the host,
through enhanced H4 SPI
Deep sleep mode entry and wake-up through H4 SPI
It requires BT_CLK_REQ_OUT_x (BT_CLK_REQ_OUT_1 for active high polarity and
BT_CLK_REQ_OUT_2 for active low polarity), BT_WAKEUP and BT_SPI_INT. The
BT_WAKEUP is used as wake-up signal from the Host, the BT_CLK_REQ_OUT_x requires
the clock from the Host and BT_SPI_INT is used as a wake-up signal from the Bluetooth
Controller.
●
Deep sleep mode entry
The Host tells the STA2500D that it can go in Deep Sleep mode by forcing the
BT_WAKEUP of the STA2500D to ‘0’. The STA2500D decides to go in Deep Sleep
mode, or not, depending on its scheduled activity and on the number of events or data
packets to be sent to the Host. In case it decides to go in Deep Sleep mode, it asserts
BT_CLK_REQ_OUT_x ‘inactive’ to tell the Host that it does not need the clock
anymore. The STA2500D cannot go in Deep Sleep mode by itself. Note that the Host
cannot force BT_WAKEUP to ‘0’ before the end of a write operation from the Host, this
in order to allow correct decoding of the message by the Bluetooth Controller.
●
Deep sleep mode wake-up
The wake-up procedure can be initiated by the Host or by the STA2500D. In the latter
case, it can be with or without communication, depending if there are data to be
transmitted to the Host.
1.
Wake-up initiated by the Host
The Host sets the BT_WAKEUP pin of the STA2500D to ‘1’. Then the STA2500D asks
the Host to restart the system clock by setting BT_CLK_REQ_OUT_x to ‘active’. When
the clock is available and stable, the Host can use BT_SPI_CSN to start an SPI
transaction if needed (there is a programmable minimum delay between the assertion
of BT_CLK_REQ_OUT_x and the moment the Host can assert BT_SPI_CSN).
2.
Autonomous wake-up with SPI communication (i.e. initiated by the STA2500D)
The STA2500D first asks the Host to restart the system clock by setting
BT_CLK_REQ_OUT_x to ‘active’.
When the clock is available, the STA2500D sets BT_SPI_INT high to request the SPI
interface to the Host and waits for BT_SPI_CSN going low, indicating the SPI
transaction starts.
3.
Autonomous wake-up without SPI communication (i.e. initiated by the STA2500D)
The STA2500D asks the Host to restart the system clock by setting
BT_CLK_REQ_OUT_x to ‘active’.
REF_CLK _IN
CLK _REQ_OUT_1
SPI_CLK
1
2
3
SPI_DI
SPI_DO
SPI_INT
4
SPI_CSN
DATA
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com