Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 32Page - STMicroelectronics STA2500D Datasheet HTML 33Page - STMicroelectronics STA2500D Datasheet HTML 34Page - STMicroelectronics STA2500D Datasheet HTML 35Page - STMicroelectronics STA2500D Datasheet HTML 36Page - STMicroelectronics STA2500D Datasheet HTML 37Page - STMicroelectronics STA2500D Datasheet HTML 38Page - STMicroelectronics STA2500D Datasheet HTML 39Page - STMicroelectronics STA2500D Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
General specification
STA2500D
36/57
Doc ID 16067 Rev 1
BT_HOST_WAKEUP to ‘1’ in order to warm the Host and traffic starts when the Host
puts BT_UART_CTS to low. This is illustrated in Figure 12.
2.
Autonomous wake-up with communication (i.e. initiated by the STA2500D)
The STA2500D first asks the Host to restart the system clock by setting
BT_CLK_REQ_OUT_1 to ‘1’.
When the clock is available, the STA2500D requests traffic by asserting
HOST_WAKEUP high. Then either it puts BT_UART_RTS low to start traffic exchange
directly or it waits for the Host to first assert BT_WAKEUP high. The selection in
between the two behaviours is done by a SW parameter in the Parameter File.
3.
An autonomous wake-up without communication (i.e. initiated by the STA2500D)
The STA2500D asks the Host to restart the system clock by setting
BT_CLK_REQ_OUT_1 to ‘1’. The UART signals are not changing.
Figure 11.
Entering deep sleep mode, pending data on UART interface, through
UART with handshake
1.
Host puts BT_WAKEUP low. BT Controller notices it. But as there is pending traffic to
be send to Host, it keeps HOST_WAKEUP high as long as needed for up-transmission
and then de-asserts HOST_WAKEUP, telling the Host there is nothing more to
transmit.
2.
BT Controller puts UART_RTS high to set “flow off”. This is done in fixed number of
instructions.
3.
Then BT Controller puts CLK_REQ_OUT_1 to ‘0’, telling the Host it can cut the clock.
This is done in fixed number of instructions.
4.
There is no clock, BT is in Deep Sleep mode.
REF_CLK _IN
CLK _REQ _O UT_1
BT_WAKEUP
UART_RTS
12
UART_RTS
HOST_WAKEUP
3
4
REF_CLK _IN
CLK _REQ _O UT_1
BT_WAKEUP
UART_RTS
12
UART_RTS
HOST_WAKEUP
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com