Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 31Page - STMicroelectronics STA2500D Datasheet HTML 32Page - STMicroelectronics STA2500D Datasheet HTML 33Page - STMicroelectronics STA2500D Datasheet HTML 34Page - STMicroelectronics STA2500D Datasheet HTML 35Page - STMicroelectronics STA2500D Datasheet HTML 36Page - STMicroelectronics STA2500D Datasheet HTML 37Page - STMicroelectronics STA2500D Datasheet HTML 38Page - STMicroelectronics STA2500D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
STA2500D
General specification
Doc ID 16067 Rev 1
35/57
Figure 10.
Deep sleep mode entry and wake-up through H4 SPI
Deep sleep mode entry and wake-up through H4 UART or H4 SPI with
handshake
This method is supported by both H4 UART and H4 SPI. The description below is for H4
UART.
It requires BT_CLK_REQ_OUT_1, BT_WAKEUP and BT_HOST_WAKEUP. The
BT_WAKEUP is used as wake-up signal from the Host, the BT_CLK_REQ_OUT_1 requires
the clock from the Host and BT_HOST_WAKEUP is used as a wake-up signal from the
Bluetooth Controller.
●
Deep sleep mode entry
The Host tells the STA2500D that it can go in Deep Sleep mode by forcing the
BT_WAKEUP of the STA2500D to ‘0’. The STA2500D decides to go in Deep Sleep
mode, or not, depending on its scheduled activity and on the number of events or data
packets to be sent to the Host. In case it decides to go in Deep Sleep mode, it asserts
BT_CLK_REQ_OUT_1 low to tell the Host that it does not need the clock anymore. On
the contrary, if it still wants the interface active for up-transmission, it keeps
BT_HOST_WAKEUP to ‘1’ as long as needed before de-asserting
BT_CLK_REQ_OUT_1. This is illustrated in Figure 11.
●
Deep sleep mode wake-up
The wake-up procedure can be initiated by the Host or by the STA2500D. In the latter
case, it can be with or without communication, depending if there are data to be
transmitted to the Host.
1.
Wake-up initiated by the Host
The Host sets the BT_WAKEUP pin of the STA2500D to ‘1’. Then the STA2500D asks
the Host to restart the system clock by setting BT_CLK_REQ_OUT_1 to ‘1’. When the
clock is available and stable, the STA2500D puts BT_UART_RTS low to allow
communication. In case the STA2500D wants to send events to the Host, it then puts
Active
Sleep Mode
Mode
SPI off
BB
SPI on
HOST_WAKEUP=‘ 1’ or ‘ 0’
CLK_REQ_OUT_1 = ‘ A’ :
Active
high/low
‘ P’ :
Passive
low/high
Active
Sleep Mode
BB
Host:
BT_WAKEUP=‘0’
SPI off
Host:
BT_WAKEUP=‘1’
OR
BT Controller:SPI_INT=‘ 1’
HOST_WAKEUP=‘ 0’
Host:
BT_WAKEUP=‘1’
AND
BT Controller: CLK_REQ_OUT_1=‘ A ’
Active
Sleep Mode
Deep Sleep
Mode
SPI off
BB
SPI on
HOST_WAKEUP =‘ 1’ or ‘ 0’
CLK_REQ_OUT_1 = ‘ A’ :
Active
high/low
‘ P’ :
Passive
low/high
Active
Sleep Mode
BB
Host:
BT_WAKEUP=‘0’
SPI off
Host:
BT_WAKEUP=‘1’
OR
BT Controller: BT_SPI_INT =‘ 1 ’
HOST_WAKEUP=‘ 0’
Host:
BT_WAKEUP=‘1’
AND
BT Controller:BT_CLK_ REQ_OUT_1=‘ A’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com