Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA2500D Datasheet HTML 17Page - STMicroelectronics STA2500D Datasheet HTML 18Page - STMicroelectronics STA2500D Datasheet HTML 19Page - STMicroelectronics STA2500D Datasheet HTML 20Page - STMicroelectronics STA2500D Datasheet HTML 21Page - STMicroelectronics STA2500D Datasheet HTML 22Page - STMicroelectronics STA2500D Datasheet HTML 23Page - STMicroelectronics STA2500D Datasheet HTML 24Page - STMicroelectronics STA2500D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
STA2500D
General specification
Doc ID 16067 Rev 1
21/57
6
General specification
All the values are provided according to the Bluetooth specification V2.1 + EDR (“Lisbon”)
unless otherwise specified. The below values are preliminary and will be updated in the next
version of this datasheet.
6.1
Receiver
All specifications below are given at device pin level and with the conditions as specified.
Parameters are given for each of the 3 modulation types supported.
Typical is defined at Tamb = 25 °C, BT_HV = 2.75 V. Minimum and Maximum are worst cases
over corner lots and temperature. Parameters are given at device pin, except for receiver
interferers measured at antenna with a filter having a typical attenuation of 2.3 dB.
Table 16.
Mbps receiver parameters - GFSK
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RFin
Input frequency range
-
2402
-
2480
MHz
RXsensC
Receiver sensitivity
(Clean transmitter)
@ BER 0.1%
-
-88
-86
dBm
RXsensD
Receiver sensitivity
(Dirty transmitter)
@ BER 0.1%
-
-87
-84
dBm
RXmax
Maximum useable input signal
level
@ BER 0.1%
-
10
15
dBm
Receiver blocking performance @ BER 0.1% on Channel 58 (without Filter)
-
signal in GSM band 900 MHz
(824 MHz to 960 MHz)
@ Input signal
strength = -67 dBm
--15
-
dBm
-
signal in GSM band 1800 MHz
(1805 MHz to 1990 MHz)
@ Input signal
strength = -67 dBm
-
-2.5
-
dBm
-
signal in WCDMA band
(2010 MHz to 2170 MHz)
@ Input signal
strength = -67 dBm
--1.5
-
dBm
Receiver interferer performance @ BER 0.1%
C/Ico-channel Co-channel interference
@ Input signal
strength = -60 dBm
-9.5
11
dB
C/I1MHz
Adjacent (±1 MHz) interference
@ Input signal
strength = -60 dBm
--9
0
dB
C/I+2MHz
Adjacent (+2 MHz) interference
@ Input signal
strength = -60 dBm
--40
-30
dB
C/I-2MHz
Adjacent (-2 MHz) interference
@ Input signal
strength = -67 dBm
--26
-9
dB
C/I+3MHz
Adjacent (+3 MHz) interference
@ Input signal
strength = -67 dBm
-
-46.5
-40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com