Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI2002 Datasheet HTML 10Page - Vicor Corporation PI2002 Datasheet HTML 11Page - Vicor Corporation PI2002 Datasheet HTML 12Page - Vicor Corporation PI2002 Datasheet HTML 13Page - Vicor Corporation PI2002 Datasheet HTML 14Page - Vicor Corporation PI2002 Datasheet HTML 15Page - Vicor Corporation PI2002 Datasheet HTML 16Page - Vicor Corporation PI2002 Datasheet HTML 17Page - Vicor Corporation PI2002 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 14 of 23
Application Information:
The PI2002 is designed to replace ORing diodes and
load disconnect switches in high current redundant
power architectures.
Replacing a traditional diode
with a PI2002 controller IC and two low on-state
resistance back-to-back N-channel MOSFETs will
result in significant power dissipation reduction as well
as board space reduction, efficiency improvement,
input power source and output load protection and
additional protection features. This section describes
in detail the procedure to follow when designing with
the PI2002 Active ORing controller and two back-to-
back N-Channel MOSFETs. Two design examples
are presented, one Active ORing with load disconnect
design example and one low side disconnect switch
example.
Fault Indication:
FT output pin is an open collector and should be
pulled up to the logic voltage or to the controller VC
via a resistor (10KΩ)
Over-Current Timer: OCT
Connect a capacitor, equal or less than 20nF, to set
off time after over-current shutdown (see Figure 3).
Short Circuit Detect: SCD
Connect SCD pin to VC to avoid inrush current into a
high capacitive load, or connect SCD to GND pin for
fast MOSFET turn on.
Note: The SCD pin is not available in the SO-8
package and the controller is set for low Gate
source current, 300µA.
Auxiliary Power Supply (Vaux):
Vaux is an independent power source required to
supply power to the PI2002 VC input.
The Vaux
voltage should be higher than Vin (redundant power
source output voltage) by the required gate-to-source
voltage (Vgs) to fully enhance the MOSFET, plus 0.5V
maximum gate to VC headroom (VHDVC-G)
Vaux = Vin + Vgs + VHDVC-G
Where, VHDVC-G is defined as the 0.5V maximum drop
from VC in the Gate Voltage High (VG) specification in
the Gate Driver section of the Electrical Specification.
For example, if the bus voltage is 3.3V and the
MOSFET requires 4.5V of Vgs to fully enhance the
MOSFET, then Vaux should be at least 3.3V + 4.5V +
0.5V = 8.3V.
If Vaux is higher than 15V then a bias resistor (Rbias)
is required, and should be connected between the
PI2002 VC pin and Vaux. The resistor is selected
based on the input voltage range.
Minimize the resistor value for low Vaux voltage levels
to avoid a voltage drop that may reduce the VC
voltage lower than required to drive the gate of the
MOSFET.
Select the value of Rbias using the
following equations:
max
min
IC
VC
Vaux
Rbias
clamp
=
Rbias maximum power dissipation:
Rbias
VC
Vaux
Pd
clamp
Rbias
2
max
)
(
=
Rbias maximum power dissipation is at maximum
input voltage and minimum clamp voltage (15V).
Where:
min
Vaux : Vaux minimum voltage
max
Vaux
: Vaux maximum voltage
Clamp
VC
: Controller clamp voltage, 15.5V
max
IC
: Controller maximum bias current (4.2mA)
N-Channel MOSFET Selection:
There are several factors that affect the MOSFET
selection including cost, on-state resistance (Rds(on)),
current rating, power dissipation, thermal conductivity,
drain-to-source breakdown voltage (BVdss), gate-to-
source voltage rating (Vgs), and gate threshold
voltage (Vgs(TH)).
The first step is to select suitable MOSFETs based on
the BVdss requirement for the application. The BVdss
voltage rating should be higher than the applied Vin
voltage plus expected transient voltages.
Stray
parasitic inductance in the circuit can also contribute
to significant transient voltage conditions, particularly
during MOSFET turn-off after a reverse current fault
has been detected. In Active ORing applications when
one of the input power sources is shorted, a large
reverse current is sourced from the circuit output
through the MOSFET. Depending on the output
impedance of the system, the reverse current may
reach over 60A in some conditions before the
MOSFET is turned off. Such high current conditions
will store energy even in a small parasitic element.
For example, a 1nH parasitic inductance with 60A
reverse current will store 1.8µJ (½Li
2). When the
MOSFET is turned off, the stored energy will be
released and will produce high negative voltage
ringing at the MOSFETs input. This event will create a
high voltage difference across the MOSFETs.
Note:
Since the two MOSFETs are connected in to back-to-
back configuration, the maximum breaking voltage is
BVdss of one MOSFET plus one diode forward
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com