Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2002 Datasheet HTML 1Page - Vicor Corporation PI2002 Datasheet HTML 2Page - Vicor Corporation PI2002 Datasheet HTML 3Page - Vicor Corporation PI2002 Datasheet HTML 4Page - Vicor Corporation PI2002 Datasheet HTML 5Page - Vicor Corporation PI2002 Datasheet HTML 6Page - Vicor Corporation PI2002 Datasheet HTML 7Page - Vicor Corporation PI2002 Datasheet HTML 8Page - Vicor Corporation PI2002 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 1 of 23
PI2002
Cool-ORingTM Series
Active ORing Controller IC with Load Disconnect Feature
Description
The PI2002 Cool-ORing
TM solution is a high-speed
Active ORing controller IC with a load disconnect
feature designed for use with back-to-back N-
channel MOSFETs in redundant power system
architectures. The PI2002 Cool-ORing controller
enables an extremely low power loss solution with
fast dynamic response to fault conditions, critical for
high availability systems. The PI2002 controls back-
to-back MOSFETs providing true bi-directional
switch capabilities to protect against both power
source and load fault conditions.
The gate drive output turns the MOSFETs on in
normal steady state operation, while achieving high-
speed turn-off during input power source fault
conditions, that cause reverse current flow, with
auto-reset once the fault clears. The PI2002 has the
added benefit of being able to protect against output
load fault conditions that may induce excessive
forward current and device over-temperature by
removing
gate
drive
from
the
back-to-back
MOSFETs with an auto-retry programmable off-time.
The back-to-back MOSFETs drain-to-drain voltage is
monitored to detect normal forward, excessive
forward, light load and reverse current flow. The
PI2002 provides an active low fault flag output to the
system during fault condition.
A temperature
sensing function turns off the MOSFETs and
indicates a fault if the junction temperature exceeds
145
°C.
Features
•
Power Source & Load Fault Protection
•
Fast Dynamic Response, with 120ns reverse &
150ns forward over-current turn-off delay time
•
4A gate discharge current
•
Accurate back-to-back MOSFETs drain-to-drain
voltage sensing to indicate system level fault
conditions
•
Programmable under & over-voltage detection
•
Over temperature fault detection
•
Programmable over-current Gate off time
•
Programmable short circuit load detection
function
•
Active low fault flag output
Applications
•
N+1 Redundant Power Systems
•
Servers & High End Computing
•
Telecom Systems
•
Active ORing with Load Disconnect
•
High current Active ORing
Package Options
The PI2002 is offered in the following packages:
•
3mm x 3mm 10 Lead TDFN package
•
8 Lead SOIC
Typical Applications:
Figure 1a: PI2002 High Side ORing with load disconnect
Figure 1b: PI2002 Low Side Disconnect Switch


Similar Part No. - PI2002

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
PI2002-EVAL1 Active ORing With Load Disconnect
More results

Similar Description - PI2002

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
12Amp Active ORing Solution With Load Disconnect
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
PI2002-EVAL1 Active ORing With Load Disconnect
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com