Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 20 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 20 Page - Vicor Corporation

Back Button PI2002 Datasheet HTML 15Page - Vicor Corporation PI2002 Datasheet HTML 16Page - Vicor Corporation PI2002 Datasheet HTML 17Page - Vicor Corporation PI2002 Datasheet HTML 18Page - Vicor Corporation PI2002 Datasheet HTML 19Page - Vicor Corporation PI2002 Datasheet HTML 20Page - Vicor Corporation PI2002 Datasheet HTML 21Page - Vicor Corporation PI2002 Datasheet HTML 22Page - Vicor Corporation PI2002 Datasheet HTML 23Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 20 of 23
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical
land pattern for a TDFN PI2002 and SO-8/PowerPak
MOSFET is shown in Figure 23:
It is best to connect the gate of the MOSFETs to
the GATE pin of the controller with a short and
wide trace.
The GND pin of the controller carries high peak
current and it should be returned to the ground
plane through a low impedance path.
Connections from the SP and SN pins to Vin
and Vout respectively very close to the
MOSFETs, SP to Q1 drain pin and SN to Q2
drain pin.
The VC bypass capacitor should be located as
close as possible to the VC and GND pins.
Place the PI2002 and VC bypass capacitor on
the same layer of the board. The VC pin and
CVC PCB trace should not contain any vias.
Connect all MOSFET Q1 Drain pins together
with a wide trace to reduce trace parasitics and
to
accommodate
the
high
current
input.
Similarly, connect all MOSFET Q2 Drain pins
together with a wide trace to accommodate the
high current output. Q1 and Q2 Sources should
be very close from each other and their pins
should be connected with a short trace.
Connect the power source very close to the Q1
drain connection to reduce the effects of stray
parasitics. If a short trace is not possible,
connect C3 (typically 1µF) as shown in Figure
23.
Figure 23: PI2002 and MOSFET layout
recommendation
Figure 24: PI2002 Mounted on PI2002-EVAL1
Please visit www.picorpower.com for information on PI2002-EVAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com