Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 5 Page - Vicor Corporation

  PI2002 Datasheet HTML 1Page - Vicor Corporation PI2002 Datasheet HTML 2Page - Vicor Corporation PI2002 Datasheet HTML 3Page - Vicor Corporation PI2002 Datasheet HTML 4Page - Vicor Corporation PI2002 Datasheet HTML 5Page - Vicor Corporation PI2002 Datasheet HTML 6Page - Vicor Corporation PI2002 Datasheet HTML 7Page - Vicor Corporation PI2002 Datasheet HTML 8Page - Vicor Corporation PI2002 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 5 of 23
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, COCT = 2nF, CGATE = 4nF
OCT
OCT Source Current
IOCTSC
-10
μA
VOCT = 1.25V
OCT Clamp Voltage
VOCT-CL
2.2
3.2
4.2
V
No Fault
OCT Threshold Voltage High
VOCT-Hi
1.75
V
SP=3.3V, SN=0V
OCT Threshold Voltage Low
VOCT-Lo
0.875
V
SP=3.3V, SN=0V
OCT OFF
TOCT-OFF
350
µs
FOC fault condition
OCT Gate Drive Disable
VOCT-Lo
500
mV
IOCT = -100uA
OCT Sink Current
IOCTSK
5
10
mA
VOCT =2.25V SP-SN=125mV
SCD
SCD Bias Current
Iscd
-1
1
μA
VSCD=0V
SCD Threshold Voltage High
VThSCDR
300
340
380
mV
VSP-SN=20mV, VG=1V
;SCD Threshold Voltage Low
VThSCDF
310
mV
SCD Hysteresis
VThSCDR -
VThSCDF
25
50
75
mV
VSP-SN=20mV, VG=1V
Note 1: These parameters are not production tested but are guaranteed by design, characterization and
correlation with statistical process control.
Note 2: Current sourced by a pin is reported with a negative sign.
Note 3: Refer to the Auxiliary Power Supply section in the Application Information section for details on the VC
requirement to meet the MOSFET Vgs requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com