Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2002 Datasheet HTML 1Page - Vicor Corporation PI2002 Datasheet HTML 2Page - Vicor Corporation PI2002 Datasheet HTML 3Page - Vicor Corporation PI2002 Datasheet HTML 4Page - Vicor Corporation PI2002 Datasheet HTML 5Page - Vicor Corporation PI2002 Datasheet HTML 6Page - Vicor Corporation PI2002 Datasheet HTML 7Page - Vicor Corporation PI2002 Datasheet HTML 8Page - Vicor Corporation PI2002 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 2 of 23
Pin Description
Pin Number
Description
Pin
Name
10-Pin
DFN
SO-8
GND
1
1
Ground: This pin is ground for the gate driver and control circuitry.
GATE
2
2
Gate Drive Output: This pin drives the gates of the external Back-to-Back N-
channel MOSFETs. Under normal operating conditions, the GATE pin pulls high to
10V (typ) with respect to the SN pin. The controller turns the gate off during all fault
conditions except the Low Forward Current condition.
VC
3
3
Controller Input Supply: This pin is the supply pin for the control circuitry and gate
driver. Connect a 1μF capacitor between VC pin and the GND pin. Voltage on this
pin is limited to 15.5V by an internal shunt regulator. For high voltage auxiliary
supply applications connect a shunt resistor between VC and the auxiliary supply.
OCT
4
4
Over-Current Timer Input: Connecting a capacitor ( ≤ 20nF) sets the gate off time
once an over-current condition is detected. No capacitor on this pin will result in
minimum off time, 40µs. Pulling this input low will disable Gate drive.
SCD
5
n/a
Short Circuit Detect Input: This input pin is for setting the load voltage where a
short circuit level is defined and detected. To enable slow MOSFET turn-on mode,
connect SCD to VC. Connect to load point for minimum threshold (0.335V) or use
resistor divider to increase threshold. Grounding pin enables the fast MOSFET turn
on mode. This pin is not available in the SO-8 package and the controller is set for
low Gate source current, 300µA.
FT
6
5
Fault State Output: This open collector output pulls low 40µs after a fault condition
occurs. Fault logic inputs are VC Under-Voltage, input Under-Voltage, input Over-
Voltage, Forward Over-Current, Reverse Current, Low Forward Current (or shorted
switches) and Over-Temperature. Leave this pin open if unused.
SP
7
6
Positive Sense Input & Clamp: Connect SP pin to the input power source side of
the MOSFETs. The polarity and magnitude of the voltage difference between SP
and SN provides an indication of current flow through the MOSFETs.
SN
8
7
Negative Sense Input & Clamp: Connect SN to the output load side of the
MOSFET. The polarity and magnitude of the voltage difference between SP and SN
provides an indication of current flow through the MOSFETs.
UV
9
8
Input Under-Voltage Input: The UV pin is used detects when the input is less than
the Under-Voltage threshold resulting in a low Fault pin. The input voltage UV
threshold is programmable through an external resistor divider. During an Under-
Voltage fault, the Gate is pulled low. Connect UV to VC to disable this function.
OV
10
n/a
Input Over-Voltage Input: The OV pin detects when the input is greater than the
Over-Voltage threshold resulting in a low Fault pin. OV “AND” a Forward Current
condition turns the MOSFETs off. The input voltage OV threshold is programmable
through an external resistor divider. Connect OV to GND to disable this function.
This pin is not available in the SO-8 package and OV function is disabled.
Package Pin-Outs
10 Lead TDFN (3mm x 3mm)
Top view
8 Lead SOIC (5mm x 6mm)
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com