Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2002 Datasheet HTML 1Page - Vicor Corporation PI2002 Datasheet HTML 2Page - Vicor Corporation PI2002 Datasheet HTML 3Page - Vicor Corporation PI2002 Datasheet HTML 4Page - Vicor Corporation PI2002 Datasheet HTML 5Page - Vicor Corporation PI2002 Datasheet HTML 6Page - Vicor Corporation PI2002 Datasheet HTML 7Page - Vicor Corporation PI2002 Datasheet HTML 8Page - Vicor Corporation PI2002 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 4 of 23
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, COCT = 2nF, CGATE = 4nF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
GATE DRIVER
Gate Source Current
IG-SC
-1.5
mA
VG = 1V, Normal Operating
Conditions, No Faults VSCD=0V
Gate Source Current
IG-SC
-0.30
mA
VG = 1V, Normal Operating
Conditions, No Faults VSCD=Vc
Pull Down Peak Current(1)
IG-PD
1.5
4.0
A
Gate Pull-down Resistance
(1)
RG-PD
0.3
Ω
VG = 1.5V @ 25
°C
AC Gate Pull-down Voltage
(1)
VG-PD
0.2
V
TRVS-DLY + 50nsec
DC Gate Pull-down Voltage to GND
VG-PD
0.8
1.2
V
IG=100mA, in reverse fault
Gate Voltage @ VC UVLO
VG-UVLO
0.7
1
V
IG =10μA, 1.5<VC< VVCUVLO
Gate Fault Condition Clear
(1)
VG-CL
45
%
Gate to SN Clamp Voltage
VG-SN
9
10
11
V
IG = 100μA
Gate Voltage High
VG
VC-
0.5V
VC-
0.25V
V
VC- VSN < VG-CLMP
Gate Fall Time
tG-F
10
15
ns
90% to 10% of VG max.
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common Mode Input Voltage
VCM
-0.1
5.5
V
VCM =SP & SN w/respect to GND
VC to SN differential(1)
VVC-SP
3.5
V
Differential Operating Input Voltage
VSP-SN
-50
125
mV
SP-SN
SP Input Bias Current
ISP
3.5
μA
VCM =1.25V
SN Input Bias Current
ISN
-37
μA
VCM =1.25V
SN (SP) Voltage
VSN(SP)
5.5
V
SP=0V (SN=0V)
Reverse Comparator Off Threshold
VRVS-TH
-10
-6
-2
mV
VCM =3.3V
Reverse Comparator Hysteresis
VRVS-HS
2
3
5
mV
VCM =3.3V
Reverse Fault to Gate Turn-off
Delay Time
TRVS-DLY
120
150
ns
Forward Comparator On Threshold
VFWD-TH
2
5
9
mV
VCM =3.3V
Forward Comparator Hysteresis
VFWD-HS
-5
-3
-2
mV
VCM =3.3V
Forward Over-Current Comparator
Threshold
VFOC-TH
104
112
120
mV
VCM =3.3V
Forward Over-Current Comparator
Hysteresis
VFOC-HS
-8
-6
-4
mV
VCM =3.3V
Forward Over-Current to Gate Turn-
off Delay
tFOC-DLY
150
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com