Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 19 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 19 Page - Vicor Corporation

Back Button PI2002 Datasheet HTML 15Page - Vicor Corporation PI2002 Datasheet HTML 16Page - Vicor Corporation PI2002 Datasheet HTML 17Page - Vicor Corporation PI2002 Datasheet HTML 18Page - Vicor Corporation PI2002 Datasheet HTML 19Page - Vicor Corporation PI2002 Datasheet HTML 20Page - Vicor Corporation PI2002 Datasheet HTML 21Page - Vicor Corporation PI2002 Datasheet HTML 22Page - Vicor Corporation PI2002 Datasheet HTML 23Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 19 of 23
5. OCT pin: Connect 18nF capacitor between OCT
pin and the GND pin to achieve the maximum off
time after forward over-current condition occurs.
6. SCD pin: Connect the SCD pin to the VC pin
for slow MOSFET turn on to avoid over-current
shutdown due to inrush current.
7.
FT pin: Connect the FT pin to logic input and
to the logic power supply or to the VC pin via a
resistor.
UV and OV inputs: UV and OV are not used in this
example. Connect UV pin to VC pin and OV pin to
GND pin do not leave them unconnected.
Figure 22: PI2002 (10L-TDFN package) in low side
disconnect switch application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com