Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2002 Datasheet(PDF) 18 Page - Vicor Corporation

Part # PI2002
Description  Active ORing Controller IC with Load Disconnect Feature
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2002 Datasheet(HTML) 18 Page - Vicor Corporation

Back Button PI2002 Datasheet HTML 14Page - Vicor Corporation PI2002 Datasheet HTML 15Page - Vicor Corporation PI2002 Datasheet HTML 16Page - Vicor Corporation PI2002 Datasheet HTML 17Page - Vicor Corporation PI2002 Datasheet HTML 18Page - Vicor Corporation PI2002 Datasheet HTML 19Page - Vicor Corporation PI2002 Datasheet HTML 20Page - Vicor Corporation PI2002 Datasheet HTML 21Page - Vicor Corporation PI2002 Datasheet HTML 22Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Picor Corporation • picorpower.com
PI2002
Rev1.1 Page 18 of 23
Typical application Example 2:
Low side disconnect switch
Requirement:
Bus Voltage = -48V (-36V to -60V, 100V for 100ms
transient)
Maximum operating load current = 5A
Load current shutdown set at = 6A
Maximum Ambient Temperature = 60°C
Solution:
1. A PI2002 with a suitable MOSFET for -48V
power source should be used and configured as
shown in Figure 22. The VC is biased from the
return line through a bias resistor.
2. Select a suitable N-Channel MOSFET: Select
the N-Channel MOSFET with voltage rating
higher than the input voltage, Vin, plus any
expected transient voltages, with a low Rds(on)
that is capable of supporting the full load current
with margin. For instance, a 100V rated
MOSFET with 10A current capability is suitable.
An
exemplary
MOSFET
having
these
characteristic is Si4486EY from Vishay Siliconix.
From Si4486EY datasheet:
•
N-Channel MOSFET
•
VDS= 100V
•
ID = 23A continuous drain current at 125°C
•
VGS(MAX) =
± 20V
•
RθJA= 50°C/W
•
RDS(on)=20mΩ typical at VGS=10V, TJ=25°C
Reverse current threshold is:
mA
m
mV
on
Rds
reverse
Vth
reverse
Is
300
20
6
)
(
.
.
−
=
Ω
−
=
=
Power dissipation:
Rds(on) is 25mΩ maximum at 25°C & 10Vgs and
will increase as the temperature increases.
Add
40°C
to
maximum
ambient
temperature
to
compensate for the temperature rise due to power
dissipation. At 100°C (60°C + 40°C) Rds(on) will
increase by 63%.
Ω
=
∗
Ω
=
m
m
on
Rds
41
63
.
1
25
)
(
maximum at 100°C
Maximum Junction temperature
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
111
41
)
0
.
5
(
50
60
2
max
Recalculate based on calculated Junction
temperature, 111°C.
At 111°C Rds(on) will increase by 71%.
Ω
=
∗
Ω
=
m
m
on
Rds
75
.
4
71
.
1
25
)
(
maximum at 111°C
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
113
75
.
42
)
0
.
5
(
50
60
2
max
Vaux: Connect each controller to the return path
with a separate bias resistor, Rbias.
To reduce
Rbias power dissipation,
clamp
VC
is
selected at 13V which is less than the actual PI2002
clamp voltage (15V typical). 13V is higher than
PI2002 maximum gate clamp voltage (11V).
Ω
=
−
=
−
=
K
mA
V
V
IC
VC
Vaux
Rbias
clamp
48
.
5
2
.
4
13
36
max
min
or 5.49KΩ
Rbias maximum power dissipation is at maximum
input voltage and minimum clamp voltage
mW
K
V
V
Rbias
VC
Vaux
Pd
clampMIN
Rbias
369
49
.
5
)
15
60
(
)
(
2
2
max
=
Ω
−
=
−
=
3. Select sense resistor: Sense resistor is
selected based on load current shutdown.
Where
Ω
=
=
=
−
m
A
mV
I
V
R
Shutdown
TH
FOC
Sense
19
6
114
Select 20mΩ resistor
20mΩ Sense Resistor power dissipation at
maximum operating current
W
m
A
R
I
Pd
Sense
RSense
5
.
0
20
)
5
(
*
2
2
max
=
Ω
=
=
As an exemplary selected 1206 20mΩ/1W/1%
sense resistor from Vishay-Dale:
Part Number: WSL1206R0200FEK
Maximum current turn off:
A
m
mV
R
V
Isd
Sense
MAX
TH
FOC
MAX
05
.
6
20
121
=
Ω
=
=
−
−
Minimum current turn off:
A
m
mV
R
V
Isd
Sense
MIN
TH
FOC
MIN
35
.
5
20
107
=
Ω
=
=
−
−
4. SP and SN pins: Connect the SP pin to the
MOSFET source and controller GND pin, and
connect the SN pin to Vin- and the drain of the
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com