Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 2Page - Analog Devices ADIS16240ABCZ Datasheet HTML 3Page - Analog Devices ADIS16240ABCZ Datasheet HTML 4Page - Analog Devices ADIS16240ABCZ Datasheet HTML 5Page - Analog Devices ADIS16240ABCZ Datasheet HTML 6Page - Analog Devices ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADIS16240
Rev. 0 | Page 6 of
16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
14
5 6
9 10 11
3
7 8
A
B
TOP VIEW
NOTES
1. THE ACTUAL PINS ARE NOT
VISIBLE FROM THE TOP VIEW.
C
D
E
F
G
J
H
K
L
Figure 4. Pin Configuration (Top View)
AZ
A1
AY
AX
AZ
AY
AX
X
Figure 5. Axis Orientation of Device (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
E10, E11
SCLK
I
SPI Serial Clock
F10, F11
CS
I
SPI Chip Select, Active Low
G10, G11
DIN
I
SPI Data Input
H10, H11
DOUT
O
SPI Data Output
J10, J11
DIO2
I/O
Multifunction Digital Input/Output 2
K9, L9
DIO1
I/O
Multifunction Digital Input/Output 1
K8, L8
AN
I
Analog Input Channel
K7, L7
CMP2
I
Analog Comparator Input 2
K6, L6
CMP1
I
Analog Comparator Input 1
K3, L3
RST
I
Reset, Active Low, No Pull-Up Resistor
J1, J2
XA
O
X-Axis Accelerometer Filter Pin
H1, H2
YA
O
Y-Axis Accelerometer Filter Pin
G1, G2
ZA
O
Z-Axis Accelerometer Filter Pin
A5, B5
ST
I
Self-Test Input Control Line
D4 to D8, E4, E8, F4, F8, G4, G8, H4 to H8
VDD
S
Power Supply, 3.3 V
A1, A2, A10, A11, B1, B2, B10, B11, C3 to C9, D3, D9, E3, E9, F3, F9,
G3, G9, H3, H9, J3 to J9, K1, K2, K10, K11, L1, L2, L10, L11
GND
S
Ground
A3, A4, A6 to A9, B3, B4, B6 to B9, C1, C2, C10, C11, D1, D2, D10,
D11, E1, E2, F1, F2, K4, K5, L4, L5
NC
No Connect
1 I = input, O = output, I/O = input/output, S = supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com