Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 6Page - Analog Devices ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices ADIS16240ABCZ Datasheet HTML 12Page - Analog Devices ADIS16240ABCZ Datasheet HTML 13Page - Analog Devices ADIS16240ABCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADIS16240
Rev. 0 | Page 10 of 1
6
MEMORY MAP
Note that all registers are two bytes. All unused memory locations are reserved for future use.
Table 7. User Register Memory Map
Register
Name
Read/
Write
Flash
Backup
Register
Address1
Default
Function
Bit
Assignments
FLASH_CNT
R
Yes
0x00
N/A
Flash memory write count
N/A
SUPPLY_OUT
R
No
0x02
N/A
Output, power supply
See Table 10
XACCL_OUT
R
No
0x04
N/A
Output, x-axis accelerometer
See Table 9
YACCL_OUT
R
No
0x06
N/A
Output, y-axis accelerometer
See Table 9
ZACCL_OUT
R
No
0x08
N/A
Output, z-axis accelerometer
See Table 9
AUX_ADC
R
No
0x0A
N/A
Output, auxiliary ADC input
See Table 8
TEMP_OUT
R
No
0x0C
N/A
Output, temperature
See Table 11
XPEAK_OUT
R
No
0x0E
N/A
Output, x-axis acceleration peak
See Table 9
YPEAK_OUT
R
No
0x10
N/A
Output, y-axis acceleration peak
See Table 9
ZPEAK_OUT
R
No
0x12
N/A
Output, z-axis acceleration peak
See Table 9
XYZPEAK_OUT
R
No
0x14
N/A
Output, sum-of-squares acceleration peak
See Table 8
CAPT_BUF1
R
0x16
N/A
Output, Capture Buffer 1, X and Y acceleration
See Table 18
CAPT_BUF2
R
0x18
N/A
Output, Capture Buffer 2, Z acceleration
See Table 19
DIAG_STAT
R
0x1A
0x0000
Diagnostic, error flags
See Table 28
EVNT_CNTR
R
0x1C
0x0000
Diagnostic, event counter
See Table 21
CHK_SUM
R
Yes
0x1E
N/A
Diagnostic, check sum value from firmware test
See Table 34
XACCL_OFF
R/W
Yes
0x20
0x0000
Calibration, x-axis acceleration offset adjustment
See Table 27
YACCL_OFF
R/W
Yes
0x22
0x0000
Calibration, y-axis acceleration offset adjustment
See Table 27
ZACCL_OFF
R/W
Yes
0x24
0x0000
Calibration, z-axis acceleration offset adjustment
See Table 27
CLK_TIME
R/W
Yes
0x2E
0x0000
Clock, hour and minute
See Table 29
CLK_DATE
R/W
Yes
0x30
0x0000
Clock, month and day
See Table 30
CLK_YEAR
R/W
Yes
0x32
0x0000
Clock, year
See Table 31
WAKE_TIME
R/W
Yes
0x34
0x0000
Wake-up setting, hour and minute
See Table 32
WAKE_DATE
R/W
Yes
0x36
0x0000
Wake-up setting, month and day
See Table 33
ALM_MAG1
R/W
Yes
0x38
0x9000
Alarm 1 amplitude threshold
See Table 13
ALM_MAG2
R/W
Yes
0x3A
0x9000
Alarm 2 amplitude threshold
See Table 13
ALM_CTRL
R/W
Yes
0x3C
0x0000
Alarm control
See Table 12
XTRIG_CTRL
R/W
Yes
0x3E
0x0000
Capture, external trigger control
See Table 15
CAPT_PNTR
R/W
Yes
0x40
0x0000
Capture, address pointer
See Table 20
CAPT_CTRL
R/W
Yes
0x42
0x0022
Capture, configuration and control
See Table 17
GPIO_CTRL
R/W
No
0x44
0x0000
General-purpose digital input/output control
See Table 26
MSC_CTRL
R/W
No
0x46
0x0006
Miscellaneous control
See Table 25
SMPL_PRD
R/W
Yes
0x48
0x001F
Internal sample period (rate) control
See Table 23
GLOB_CMD
W
Yes
0x4A
N/A
System command
See Table 24
1 Each register contains two bytes. The address of the lower byte is displayed. The address of the upper byte is equal to the address of the lower byte plus 1.
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
NOTES
1. DOUT BITS ARE BASED ON THE PREVIOUS 16-BIT SEQUENCE, WHEN R/W = 0.
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
Figure 18. SPI Communication Bit Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com