Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 5Page - Analog Devices ADIS16240ABCZ Datasheet HTML 6Page - Analog Devices ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices ADIS16240ABCZ Datasheet HTML 12Page - Analog Devices ADIS16240ABCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADIS16240
Rev. 0 | Page 9 of
16
BASIC OPERATION
The ADIS16240 starts up automatically when it has a valid power
supply and begins producing digital acceleration data in the output
registers. When using the factory-default configuration, DIO1
serves as a data-ready indicator signal that can drive a processor
interrupt function. Figure 14 shows a schematic for connecting
to a SPI-compatible processor platform, referred to as the SPI
master.
CS
ADIS16240
SPI SLAVE
SCLK
DIN
DOUT
DIO1
DIO2
SS
VDD
VDD
SYSTEM PROCESSOR
SPI MASTER
SCLK
MOSI
MISO
IRQ1
IRQ2
Figure 14. Electrical Hook-Up Diagram
Table 5. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select.
IRQ1, IRQ2
Interrupt request inputs.
MOSI
Master output, slave input.
MISO
Master input, slave output.
SCLK
Serial clock.
The ADIS16240 SPI interface supports full duplex serial commu-
nication (simultaneous transmit and receive) and uses the bit
sequence shown in Figure 18. Processor platforms typically support
SPI communication with general-purpose serial ports that require
some configuration in their control registers. Table 6 lists the most
common settings that require attention when initializing a pro-
cessor serial port for communication with the ADIS16240.
Table 6. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16240 operates as a slave.
SCLK Rate ≤ 2.5 MHz
Bit rate setting.
SPI Mode 3 (1,1)
Clock polarity/phase (CPOL = 1, CPHA = 1).
MSB First
Bit sequence.
16-Bit
Shift register/data length.
User registers govern all data collection and configuration. Table 7
provides a memory map that includes all user registers, along with
references to bit assignment tables that follow the generic assign-
ments in Figure 15.
UPPER BYTE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LOWER BYTE
Figure 15. Generic Register Bit Assignments
SPI Write Commands
Master processors write to the control registers, one byte at a
time, using the bit assignments shown in Figure 18. The program-
mable registers in Table 7 provide controls for optimizing sensor
operation and for starting various automated functions. For
example, set GLOB_CMD[8] = 1 (DIN = 0xCB01) to wake up the
device.
CS
DIN
SCLK
Figure 16. SPI Sequence for a Wake-Up Command (DIN = 0xCB01)
Some configurations require writing both bytes to a register,
which takes two separate 16-bit sequences. See GLOB_CMD[3]
in Table 24 for backing up configuration data in nonvolatile
flash memory.
SPI Read Commands
Reading data on the SPI requires two consecutive 16-bit
sequences. The first sequence transmits the read command on
DIN, and the second sequence receives the resulting data from
DOUT. The 7-bit register address can represent either the upper
or lower byte address for the target register. For example, DIN
can be either 0x0200 or 0x0300 when reading the SUPPLY_OUT
register. The SPI operates in full duplex mode, which means that
the master processor can read the output data from DOUT while
using the same SCLK pulses to transmit a new command on
DIN. In Figure 17, the second SPI segment sets up the device to
read YACCL_OUT on the following SPI segment (not shown).
CS
DIN
SCLK
DIN = 0x0400 PRODUCES XACCL_OUT CONTENTS ON
DOUT DURING THE NEXT SPI SEGMENT
DOUT
SPI SEGMENT 1
SPI SEGMENT 2
DOUT = 0x802B = 2.21g, NEW DATA
DIN = 0x0600 TO READ YACCL_OUT
Figure 17. Example SPI Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com