Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 3Page - Analog Devices ADIS16240ABCZ Datasheet HTML 4Page - Analog Devices ADIS16240ABCZ Datasheet HTML 5Page - Analog Devices ADIS16240ABCZ Datasheet HTML 6Page - Analog Devices ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADIS16240
Rev. 0 | Page 7 of
16
TYPICAL PERFORMANCE CHARACTERISTICS
0.3
0.8
1.3
1.8
2.3
2.8
3.3
0
500
1000
1500
2000
2500
3000
3500
4000
4500
SAMPLE RATE (SPS)
Figure 6. Supply Current vs. Sample Rate
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.4
2.6
2.8
3.0
SUPPLY VOLTAGE (V)
3.2
3.4
3.6
Figure 7. Supply Current vs. Supply Voltage
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–40 –30 –20 –10
0
1020
304050
6070
8090
TEMPERATURE (°C)
3.0V
3.6V
2.4V
Figure 8. Supply Current vs. Temperature
CH1 20.0V
M40.0µs
A CH1
17.2mV
1
T
40.5304µs
CURRENT
30mA PEAK
Figure 9. Instantaneous Supply Current
CH1 50.0V
M40.0µs
A CH1
73.0mV
1
T
40.5304µs
CURRENT
30mA PEAK
Figure 10. Instantaneous Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com