Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices ADIS16240ABCZ Datasheet HTML 12Page - Analog Devices ADIS16240ABCZ Datasheet HTML 13Page - Analog Devices ADIS16240ABCZ Datasheet HTML 14Page - Analog Devices ADIS16240ABCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADIS16240
Rev. 0 | Page 11 of 1
6
OUTPUT DATA REGISTERS
Each output data register uses the bit assignments shown in
Figure 19. The ND flag indicates that unread data resides in the
register. This flag clears and returns to 0 after reading the register.
It returns to 1 after the next internal sample updates the register
with new data. When the data-ready function (the DIO1 and
DIO2 pins and the MSC_CTRL register; see Table 25) drives
data collection, the ND bit is always high and does not require
validation. The EA flag indicates that one of the error flags in the
DIAG_STAT register (see Table 28) is active (true).
MSB FOR 10-BIT OUTPUT
ND
EA
x
x
x
x
D9D8D7D6D5D4
D3D2D1
D0
Figure 19. Output Register Bit Assignments
Table 8. Output Data Register Formats
Register
Bits
Format
Scale
SUPPLY_OUT
10
Binary, 0 V = 0x0000
4.88 mV
XACCL_OUT
10
Twos complement
51.4 mg
YACCL_OUT
10
Twos complement
51.4 mg
ZACCL_OUT
10
Twos complement
51.4 mg
AUX_ADC
10
Binary, 0 V = 0x0000
VDD/1024
TEMP_OUT
10
Binary, 25°C = 0x0133
0.244°C
XPEAK_OUT1
10
Twos complement
51.4 mg
YPEAK_OUT1
10
Twos complement
51.4 mg
ZPEAK_OUT1
10
Twos complement
51.4 mg
XYZPEAK_OUT2
12
Binary, 0 g2 = 0x0000
0.676 g2
1 Function requires MSC_CTRL[14] = 1.
2 Function requires MSC_CTRL[15] = 1.
Processing Sensor Data
Processing sensor data starts with reading the appropriate output
data register using the SPI. For example, use DIN = 0x0E00
to read the XPEAK_OUT register. Use the ND and EA bits to
validate new data and normal operating status, if necessary. Then
mask off all of the nondata bits and calculate the data, using the
format and scale information shown in Table 8. For example,
XACCL_OUT[9:0] and XYZPEAK_OUT[11:0] contain all
relevant data for their function. Table 9, Table 10, and Table 11
provide output code examples for each output register.
Table 9. Accelerometer Data Output Format1
Binary
Hex
Codes
Acceleration
01 0011 0111
0x137
+311
+16 g
…
…
…
…
00 0000 0010
0x002
+2
+102.8 mg
00 0000 0001
0x001
+1
+51.4 mg
00 0000 0000
0x000
0
0
11 1111 1111
0x3FF
−1
−51.4 mg
11 1111 1110
0x3FE
−2
−102.8 mg
…
…
…
…
10 1100 1001
0x2C9
−311
−16 g
1 The XACCL_OUT register is located at Address 0x05[15:8] and Address 0x04[7:0].
The YACCL_OUT register is located at Address 0x07[15:8] and Address 0x06[7:0].
The ZACCL_OUT register is located at Address 0x09[15:8] and Address 0x08[7:0].
The XPEAK_OUT register is located at Address 0x0F[15:8] and Address 0x0E[7:0].
The YPEAK_OUT register is located at Address 0x11[15:8] and Address 0x10[7:0].
The ZPEAK_OUT register is located at Address 0x13[15:8] and Address 0x12[7:0].
When MSC_CTRL[14] = 1, the XPEAK_OUT, YPEAK_OUT,
and ZPEAK_OUT registers track the peak acceleration in each
acceleration output register. When MSC_CTRL[15] = 1, use the
following equation to calculate the root mean square (rms) of all
three peak registers, where 1 LSB = 0.822 g:
OUT
XYZPEAK
XYZ
rms
_
=
Set GLOB_CMD[5] = 1 to reset these registers to 0x0000.
Table 10. Power Supply Data Output Format1
Binary
Hex
Codes
Power Supply (V)
10 1110 0010
0x2E2
738
3.6
…
…
…
…
10 1010 0101
0x2A5
677
3.30488
10 1010 0100
0x2A4
676
3.3
10 1010 0011
0x2A3
675
3.29502
…
…
…
…
01 1110 1100
0x1EC
492
2.4
1 The SUPPLY_OUT register is located at Address 0x03[15:8] and Address 0x02[7:0].
Table 11. Temperature Data Output Format1
Binary
Hex
Codes
Temperature (°C)
10 0010 1001
0x229
553
+85°C
…
…
…
…
01 0011 0100
0x134
308
+25.244°C
01 0011 0011
0x133
307
+25°C
01 0011 0010
0x132
306
+24.756°C
…
…
…
…
00 0010 1001
0x029
41
−40°C
1 The TEMP_OUT register is located at Address 0x0D[15:8] and Address 0x0C[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com