Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices ADIS16240ABCZ Datasheet HTML 12Page - Analog Devices ADIS16240ABCZ Datasheet HTML 13Page - Analog Devices ADIS16240ABCZ Datasheet HTML 14Page - Analog Devices ADIS16240ABCZ Datasheet HTML 15Page - Analog Devices ADIS16240ABCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADIS16240
Rev. 0 | Page 13 of 16
8192
SAMPLES
EVENT 1
EVENT NE
NL
NL =
2T
1024
NE = 8 × 2T
EVENT 2
Figure 20. Event Storage in Buffer Memory
For example, if CAPT_CTRL[2:0] = 100, then T = 4, which
organizes the buffer memory into 128 events of 64 samples each.
Event Organization
Each event contains a header, pretrigger data, and posttrigger data,
as shown in Figure 21. The event header provides information
about the conditions that occur when the capture takes place.
CAPT_CTRL[7:4] sets the number of pretrigger samples in
each event. If NPRE is negative, there is no pretrigger data and
the first sample after the trigger follows the header.
6
16
−
= L
PRE
N
N
XYZPEAK_OUT
TIME
DATE
TEMP_OUT
SUPPLY_OUT
AUX_ADC
0
0
0
0
0
0
Z–26
Z–25
Z–1
Z0
Z1
Y–1
Y0
Y1
X–1
X0
X1
Z223
Y223
X223
Y–26
Y–25
X–26
X–25
0
0
0
0
0
0
0
0
255
0
1
2
3
4
5
6
7
31
32
33
POSTTRIGGER
DATA
PRETRIGGER
DATA
EVENT
HEADER
BUFFER 2
BUFFER 1
Figure 21. Default Event Organization
Reading Event Data
The CAPT_BUF1, CAPT_BUF2, and CAPT_PNTR registers
manage user access to data in the capture buffer (see Table 18,
Table 19, and Table 20). The address pointer, CAPT_PNTR,
determines which capture memory location loads into the capture
buffer registers. It increments automatically with every CAPT_
BUF2 read. The most efficient method for reading the entire
buffer memory space is to alternate between the CAPT_BUF1
(DIN = 0x9600) and CAPT_BUF2 (DIN = 0x9800) read com-
mands. When alternating the read sequences in this manner,
the CAP_PNTR increments automatically and optimizes SPI
processing resources. Writing to the CAPT_PNTR register pro-
vides access to individual locations in the capture. For example,
writing 0x0138 (DIN = 0xC038, DIN = 0xC101) to the CAPT_
PNTR register causes the 311th sample in each buffer memory
to load into the CAP_BUF1 and CAPT_BUF2 locations (see
Figure 22).
Table 18. CAPT_BUF1 Register Bit Descriptions1
Bit
Description
Format
[15:8]
Y-axis acceleration
Twos complement,
205.7 mg/LSB
[7:0]
X-axis acceleration
1 The CAPT_BUF1 register is located at Address 0x17[15:8] and Address 0x16[7:0].
Table 19. CAPT_BUF2 Register Bit Descriptions1
Bit
Description
Format
[15:8]
Unused
Twos complement,
205.7 mg/LSB
[7:0]
Z-axis acceleration
1 The CAPT_BUF2 register is located at Address 0x19[15:8] and Address 0x18[7:0].
Table 20. CAPT_PNTR Register Bit Descriptions1
Bit
Description
[15:13]
Unused
[7:0]
Buffer address that loads into CAPT_BUF1, CAPT_BUF2
1 The CAPT_PNTR register is located at Address 0x41[15:8] and Address 0x40[7:0].
CAPT_PNTR
CAPT_BUF2
USER ACCESIBLE
INTERNAL MEMORY STRUCTURE
CAPT_BUF1
BUFFER 2
BUFFER 1
Figure 22. Capture Buffer Data Flow Diagram
The EVNT_CNTR register (see Table 21) provides a running count
for the number of triggers (internal and external) that occur after
a buffer clear and/or reset. If this number is greater than the
number of events, this indicates that the device has experienced
trigger events that it could not capture because its capture buffer
is full. The EVNT_CNTR returns to 0x0000 after a buffer clear
(GLOB_CMD[6] = 1 by DIN = 0xCA40), or a factory reset
(GLOB_CMD[1] = 1 by DIN = 0xCA02). After a power cycle or
software reset command, the EVNT_CNTR contains the number
of events stored in the buffer memory.
Table 21. EVNT_CNTR Register Bit Descriptions1
Bit
Description
[15:0]
Binary event counter
1 The EVNT_CNTR register is located at Address 0x1D[15:8] and Address 0x1C[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com