Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16240ABCZ Datasheet HTML 1Page - Analog Devices ADIS16240ABCZ Datasheet HTML 2Page - Analog Devices ADIS16240ABCZ Datasheet HTML 3Page - Analog Devices ADIS16240ABCZ Datasheet HTML 4Page - Analog Devices ADIS16240ABCZ Datasheet HTML 5Page - Analog Devices ADIS16240ABCZ Datasheet HTML 6Page - Analog Devices ADIS16240ABCZ Datasheet HTML 7Page - Analog Devices ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, Programmable
Impact Sensor and Recorder
ADIS16240
Rev. 0
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Digital triple-axis accelerometer, ±19 g
Programmable event recorder
Internal and external trigger inputs
Low power operation
Sleep mode current: 100 μA
Continuous sampling current: 1 mA, 1 kSPS
Wake-up and record function
External trigger input and SPI trigger command
Peak acceleration sample-and-hold
Peak XYZ sum-of-squares output
1600 Hz (X, Y) and 550 Hz (Z) sensor bandwidth
Digitally controlled bias correction
Digitally controlled sample rate, up to 4096 SPS
Programmable alarms for condition monitoring
Programmable digital input/output lines
Data-ready output and alarm indicator output
Real-time clock
Digitally activated self-test
Embedded temperature sensor
Programmable power management
SPI-compatible serial interface
Auxiliary 10-bit ADC input
Two analog trigger inputs with programmable threshold
Single-supply operation: 2.4 V to 3.6 V
>4000 g powered shock survivability
APPLICATIONS
Crash or impact detection
Condition monitoring of valuable goods
Safety, shut-off sensing
Impact event recording
Security sensing and tamper detection
FUNCTIONAL BLOCK DIAGRAM
TRIPLE-AXIS
MEMS
ACCELEROMETER
TEMPERATURE
SENSOR
ANALOG-
TO-DIGITAL
CONVERSION
AND
PROCESSING
DIGITAL
CONTROL
AND
SPI
INTERFACE
POWER
MANAGEMENT
EVENT
CAPTURE
BUFFER
ALARM
DETECTION
EVENT TRIGGER
CS
SCLK
DIN
DOUT
DIO2
DIO1
RST
VDD
AN
XA
YA
ZA
CMP1
ADIS16240
CMP2
Figure 1.
GENERAL DESCRIPTION
The ADIS16240 is a fully integrated digital shock detection and
recorder system. It combines industry-leading iMEMS® technology
with a signal processing solution that optimizes dynamic perfor-
mance for low power applications. The triple-axis sensing element
enables shock measurement in all directions, eliminating the need
for additional sensors and complex mechanical structures for
many applications. The digital serial peripheral interface (SPI)
uses four wires and is compatible with most processor platforms.
The SPI interface provides access to sensor data and a set of config-
uration registers that control such operational parameters as
offset bias correction, sample rate, sleep mode, peak detection,
and event capture.
The programmable event recorder offers two trigger modes. The
internal mode monitors continuous sampled data and triggers the
capture, based on the user-defined threshold. The external mode
uses the two comparator inputs and a user-defined threshold to
trigger the event captures. This function also provides user configu-
ration controls for capture length, pretrigger data, and data storage.
Each event is stored with a header that captures temperature, power
supply, and time. Several power management features, including
sleep mode and a wake-up function, enable power optimization
with respect to specific mechanical system requirements.
The ADIS16240 is available in a 12 mm × 12 mm laminate-based
ball grid array (BGA) that meets IPC/JEDEC standards for Pb-free
solder reflow processing (J-STD-020C and J-STD-033).


Similar Part No. - ADIS16240ABCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16240 AD-ADIS16240 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16240PCBZ AD-ADIS16240PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16240ABCZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLAG665F UTC-UTCLAG665F Datasheet
67Kb / 5P
RADIO AND CASSETTE RECORDER CIRCUIT
UTCLAG668 UTC-UTCLAG668 Datasheet
184Kb / 8P
RADIO AND CASSETTE RECORDER CIRCUIT
logo
Texas Instruments
JBP28S42 TI-JBP28S42 Datasheet
3Mb / 26P
STANDARD AND LOW POWER PROGRAMMABLE READ ONLY MEMORIES
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
Programmable low-power capacitive sensor conditioning IC
logo
Analog Devices
ADIS16204 AD-ADIS16204 Datasheet
156Kb / 9P
Programmable Dual Axis Digital Accelerometer and Impact Sensor
Aug-2006
ADIS16204 AD-ADIS16204_07 Datasheet
554Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
6/07-Revision 0
ADIS16204 AD-ADIS16204_15 Datasheet
707Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
REV. B
logo
Laird Tech Smart Techno...
ES58-17 LSTD-ES58-17 Datasheet
586Kb / 2P
Low end loading and low visual impact
logo
Rohm
BD3852MUZ-Z ROHM-BD3852MUZ-Z Datasheet
1Mb / 17P
Shock Sensor (Impact Sensor) IC
logo
Logic Fruit Technologie...
IF-RECORDER LFTECH-IF-RECORDER Datasheet
682Kb / 3P
IF RECORDER AND PLAYBACK SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com