Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16240ABCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16240ABCZ
Description  Low Power, Programmable Impact Sensor and Recorder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16240ABCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16240ABCZ Datasheet HTML 8Page - Analog Devices ADIS16240ABCZ Datasheet HTML 9Page - Analog Devices ADIS16240ABCZ Datasheet HTML 10Page - Analog Devices ADIS16240ABCZ Datasheet HTML 11Page - Analog Devices ADIS16240ABCZ Datasheet HTML 12Page - Analog Devices ADIS16240ABCZ Datasheet HTML 13Page - Analog Devices ADIS16240ABCZ Datasheet HTML 14Page - Analog Devices ADIS16240ABCZ Datasheet HTML 15Page - Analog Devices ADIS16240ABCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADIS16240
Rev. 0 | Page 15 of 16
Table 27. XACCL_OFF, YACCL_OFF, ZACCL_OFF1
Bit
Description (Default = 0x0000)
[15:10]
Unused
[9:0]
Offset, twos complement, 51.4 mg/LSB
1 The XACCL_OFF register is located at Address 0x21[15:8] and Address 0x20[7:0].
The YACCL_OFF register is located at Address 0x23[15:8] and Address 0x22[7:0].
The ZACCL_OFF register is located at Address 0x25[15:8] and Address 0x24[7:0].
Diagnostics
For all of the error flags in the DIAG_STAT register (see Table 28),
a 1 identifies an error condition, and a 0 signals normal operation.
All of the flags return to 0 after reading DIAG_STAT. If the power
supply is still out of range during the next sample cycle, DIAG_
STAT[0] and DIAG_STAT[1] return to 1. DIAG_STAT[9:8] pro-
vide flags to check for the alarms with respect to the conditions in
the ALM_CTRL and ALM_MAGx registers. DIAG_STAT[6]
contains the internal memory checksum result. If the sum of the
firmware program memory does not does not match the expected
value, this flag reports a 1. The SPI communication flag (DIAG_
STAT[3]) changes to 1 when the number of SCLK pulses during
a SPI transfer is not a multiple of 16 when CS goes high.
Table 28. DIAG_STAT Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:10]
Unused
9
Alarm 2 status: 1 = alarm active, 0 = alarm inactive
8
Alarm 1 status: 1 = alarm active, 0 = alarm inactive
7
Capture buffer full: 1 = capture buffer is full
6
Flash test, checksum flag: 1 = mismatch, 0 = match
5
Power-on, self-test flag: 1 = failure, 0 = pass
4
Power-on self-test: 1 = in-progress, 0 = complete
3
SPI communications failure: 1 = error, 0 = normal
2
Flash update failure: 1 = failure, 0 = pass
1
Power supply above 3.625 V: 1 = above, 0 = below
0
Power supply below 2.225 V: 1 = below, 0 = above
1 The DIAG_STAT register is located at Address 0x1B[15:8] and Address 0x1A[7:0].
Clock
The CLK_TIME, CLK_DATE, and CLK_YEAR registers provide
an internal clock that enables a time entry into the event header
and for user access. If CLK_TIME = 0x2231, the time is 22:31,
or 10:31 p.m. The CLK_DATE and CLK_YEAR registers follow
a similar binary-coded, decimal format.
Table 29. CLK_TIME Register Bit Descriptions1
Bit
Description
[15:14]
Unused
[13:12]
Hours, 10s digit
[11:8]
Hours, 1s digit
7
Unused
[6:4]
Minutes, 10s digit
[3:0]
Minutes, 1s digit
1 The CLK_TIME register is located at Address 0x2F[15:8] and Address 0x2E[7:0].
Table 30. CLK_DATE Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:13]
Unused
12
Month, 10s digit
[11:8]
Month, 1s digit
[7:6]
Unused
[5:4]
Day, 10s digit
[3:0]
Day, 1s digit
1 The CLK_DATE register is located at Address 0x31[15:8] and Address 0x30[7:0].
Table 31. CLK_YEAR Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:8]
Unused
[7:4]
Year, 10s digit
[3:0]
Year, 1s digit
1 The CLK_YEAR register is located at Address 0x33[15:8] and Address 0x32[7:0].
The WAKE_TIME and WAKE_DATE registers enable users
to program a specific time for the ADIS16240 to exit standby
mode. Enable this function by writing the wake-up time and
date to these registers.
Table 32. WAKE_TIME Register Bit Descriptions1
Bit
Description (Default = 0x0000)
15
Wake time enable (1 = enabled, 0 = disabled)
14
Unused
[13:12]
Hours, 10s digit
[11:8]
Hours, 1s digit
7
Unused
[6:4]
Minutes, 10s digit
[3:0]
Minutes, 1s digit
1 The WAKE_TIME register is located at Address 0x35[15:8] and Address 0x34[7:0].
Table 33. WAKE_DATE Register Bit Descriptions1
Bit
Description (Default = 0x0000)
[15:14]
Unused
[13:12]
Month, 10s digit
[11:8]
Month, 1s digit
[7:6]
Unused
[5:4]
Day, 10s digit
[3:0]
Day, 1s digit
1 The WAKE_DATE register is located at Address 0x37[15:8] and Address 0x36[7:0].
Checksum
Table 34. CHK_SUM Register Bit Descriptions1
Bit
Description
[15:0]
Sum of memory locations used to verify code integrity
1 The CHK_SUM register is located at Address 0x1F[15:8] and Address 0x1E[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com